Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAR14 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAR14
Description  Silicon PIN Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAR14 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAR14 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Silicon PIN Diodes
BAR14;BAR15;BAR16
Features
RF switch
RF attenuator for frequencies above 10 MHz
Low distortion factor
Long-term stability of electrical characteristics
A bsolute M axim um R atings T a = 25
P aram eter
S ym bol
V alue
U nit
Reverse voltage
V R
100
V
F orward current
IF
140
m A
T otal power dissipation,
T S
65
1)
P tot
250
m W
Junction tem perature
T j
150
S torage tem perature
T stg
-55to+150
O perating tem perature range
T op
-55to+150
Junction - am bient
1)
R thJA
500
Junction - soldering point
R thJS
340
Note
1. P ackage m ounted on alum ina 15 m m
16.7 m m
0.7 mm.
K/W
Marking
Type
BAR14
BAR15
BAR16
Marking
L7L8L9
Electrical Characteristics Ta = 25
Param eter
Sym bol
Test Condition
Min
Typ
Max
Unit
VR =50 V
100
nA
VR =100 V
1
A
Forward voltage
VF
IF = 100 m A
1.05
V
VR = 50 V, f = 1 MHz
0.25
0.5
VR = 0 ,f= 100 MHz
0.2
IF = 0.01 m A, f = 100 MHz
2800
IF = 0.1 m A, f = 100 MHz
380
IF = 1 m A,f= 100 MHz
45
IF = 10 m A,f= 100 MHz
7
Zero bias conductance
gp
VR = 0,f= 100 MHz
50
S
Charge carrier life tim e
trr
IF =10 m A, IR =6 m A
0.7
1
S
Reverse current
VR
Diode capacitance
CT
Forward resistance
rf
pF


Similar Part No. - BAR14

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAR14 SIEMENS-BAR14 Datasheet
69Kb / 3P
Silicon PIN Diodes
BAR14-1 SIEMENS-BAR14-1 Datasheet
69Kb / 3P
Silicon PIN Diodes
logo
Infineon Technologies A...
BAR14-1 INFINEON-BAR14-1 Datasheet
448Kb / 4P
Silicon PIN Diode
Dec-20-2002
BAR14-1 INFINEON-BAR14-1 Datasheet
87Kb / 7P
Silicon PIN Diode
2007-04-19
BAR14-1 INFINEON-BAR14-1 Datasheet
848Kb / 7P
Silicon PIN Diode
2007-04-19
More results

Similar Description - BAR14

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA7792 VISHAY-BA7792 Datasheet
46Kb / 3P
Silicon PIN Diodes
01-Apr-99
logo
Siemens Semiconductor G...
BA682 SIEMENS-BA682 Datasheet
52Kb / 3P
SILICON PIN DIODES
BAR14-1 SIEMENS-BAR14-1 Datasheet
69Kb / 3P
Silicon PIN Diodes
logo
Infineon Technologies A...
BAR50 INFINEON-BAR50 Datasheet
465Kb / 8P
Silicon PIN Diodes
Feb-04-2003
logo
Guangdong Kexin Industr...
BAR60 KEXIN-BAR60 Datasheet
38Kb / 1P
Silicon PIN Diodes
BAR50-03W KEXIN-BAR50-03W Datasheet
39Kb / 2P
Silicon PIN Diodes
logo
Infineon Technologies A...
BAR50 INFINEON-BAR50_09 Datasheet
874Kb / 12P
Silicon PIN Diodes
2009-05-13
BAR-50-02V-H6327 INFINEON-BAR-50-02V-H6327 Datasheet
982Kb / 12P
Silicon PIN Diodes
2011-07-18
BAR-63-02V-H6327 INFINEON-BAR-63-02V-H6327 Datasheet
1Mb / 16P
Silicon PIN Diodes
2011-07-18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com