Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC133 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # HVC133
Description  Silicon Epitaxial Planar Pin Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

HVC133 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  HVC133 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
SOD-523
Unit: mm
0.77max
0.6+0.1
-0.1
1.2+0.1
-0.1
1.6+0.1
-0.1
+-
Silicon Epitaxial Planar Pin Diode
HVC133
Features
Low capacitance.(C=1.0pF max)
Low forward resistance. (rf=0.7
max)
A b solu te M a xim u m R atings T a = 2 5
P a ra m e te r
S ym bol
V a lu e
U nit
R e ve rs e voltage
V R
30
V
P o w e r d issipatio n
P d
150
m W
Junction te m perature
T j
125
S torage te m perature
T stg
-5 5to+ 1 2 5
Electrical Characteristics Ta = 25
Param eter
Sym bol
Test Condition
Min
Typ
Max
Unit
Reverse voltage
VR
IR =1
A
30
V
Reverse current
IR
VR = 25 V
100
nA
Forward voltage
IF = 2 m A
0.85
V
C1
VR = 1 V,f= 1 MHz
1.0
C6
VR = 6 V,f= 2 MHz
0.9
Forward resistance
rf
IF = 2 m A, f = 100 MHz
0.55
0.7
Capacitance
pF
Marking
Marking
P3


Similar Part No. - HVC133

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC133 HITACHI-HVC133 Datasheet
23Kb / 6P
Silicon Epitaxial Planar Pin Diode for High Frequency Switching
logo
Renesas Technology Corp
HVC133 RENESAS-HVC133 Datasheet
81Kb / 7P
Silicon Epitaxial Planar Pin Diode for High Frequency Switching
HVC133A RENESAS-HVC133A Datasheet
159Kb / 5P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
More results

Similar Description - HVC133

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
HVU133 KEXIN-HVU133 Datasheet
32Kb / 1P
Silicon Epitaxial Planar Pin Diode
HVC134 KEXIN-HVC134 Datasheet
32Kb / 1P
Silicon Epitaxial Planar Pin Diode
HVC132 KEXIN-HVC132 Datasheet
31Kb / 1P
Silicon Epitaxial Planar Pin Diode
HVD142 KEXIN-HVD142 Datasheet
32Kb / 1P
Silicon Epitaxial Planar Pin Diode
HVU132 KEXIN-HVU132 Datasheet
31Kb / 1P
Silicon Epitaxial Planar Pin Diode
logo
Shenzhen Taychipst Elec...
1SV121 TAYCHIPST-1SV121 Datasheet
5Mb / 2P
SILICON EPITAXIAL PLANAR PIN DIODE
logo
SEMTECH ELECTRONICS LTD...
1PS3C02CCW SEMTECH_ELEC-1PS3C02CCW Datasheet
494Kb / 2P
Silicon Epitaxial Planar PIN Diode
1PS14SE SEMTECH_ELEC-1PS14SE Datasheet
283Kb / 2P
Silicon Epitaxial Planar PIN Diode
1PS250 SEMTECH_ELEC-1PS250 Datasheet
303Kb / 2P
Silicon Epitaxial Planar PIN Diode
1PS251SE SEMTECH_ELEC-1PS251SE Datasheet
273Kb / 2P
Silicon Epitaxial Planar PIN Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com