Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP3203 Datasheet(PDF) 1 Page - Supertex, Inc

Part # VP3203
Description  P-Channel Enhancement-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VP3203 Datasheet(HTML) 1 Page - Supertex, Inc

  VP3203 Datasheet HTML 1Page - Supertex, Inc VP3203 Datasheet HTML 2Page - Supertex, Inc VP3203 Datasheet HTML 3Page - Supertex, Inc VP3203 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
11/12/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
BV
DSS /RDS(ON)
I
D(ON)
Order Number / Package
BVDGS
(max)
(min)
TO-92
TO-243AA*
Die†
-30V
0.6Ω
-4.0A
VP3203N3
VP3203N8
VP3203ND
*Same as SOT-89. Product supplied on 2000 piece carrier tape reels.
† MIL visual screening available.
VP3203
Ordering Information
Advanced DMOS Technology
These enhancement-mode (normally-off) transistors utilize a
vertical DMOS structure and Supertex’s well-proven silicon-gate
manufacturing process. This combination produces devices with
the power handling capabilities of bipolar transistors and with the
high input impedance and positive temperature coefficient
inherent in MOS devices. Characteristic of all MOS structures,
these devices are free from thermal runaway and thermally-
induced secondary breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a wide range
of switching and amplifying applications where high breakdown
voltage, high input impedance, low input capacitance, and fast
switching speeds are desired.
Features
❏ Free from secondary breakdown
❏ Low power drive requirement
❏ Ease of paralleling
❏ Low C
ISS and fast switching speeds
❏ Excellent thermal stability
❏ Integral Source-Drain diode
❏ High input impedance and high gain
❏ Complementary N- and P-channel devices
P-Channel Enhancement-Mode
Vertical DMOS FETs
Package Options
Note: See Package Outline section for dimensions.
Applications
❏ Motor controls
❏ Converters
❏ Amplifiers
❏ Switches
❏ Power supply circuits
❏ Drivers (relays, hammers, solenoids, lamps,
memories, displays, bipolar transistors, etc.)
Absolute Maximum Ratings
Drain-to-Source Voltage
BV
DSS
Drain-to-Gate Voltage
BV
DGS
Gate-to-Source Voltage
± 20V
Operating and Storage Temperature
-55°C to +150°C
Soldering Temperature*
300°C
* Distance of 1.6 mm from case for 10 seconds.
TO-92
S G D
TO-243AA
(SOT-89)
G
D
S
D
Product marking for TO-243AA:
VP2L
❋
Where
❋ = 2-week alpha date code


Similar Part No. - VP3203

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VP3203 SUTEX-VP3203 Datasheet
608Kb / 6P
P-Channel Enhancement-Mode Vertical DMOS FET
VP3203 SUTEX-VP3203 Datasheet
608Kb / 6P
P-Channel Enhancement-Mode Vertical DMOS FET
logo
Microchip Technology
VP3203 MICROCHIP-VP3203 Datasheet
779Kb / 14P
P-Channel Enhancement-Mode Vertical DMOS FET
09/14/21
logo
Supertex, Inc
VP3203N3-G SUTEX-VP3203N3-G Datasheet
608Kb / 6P
P-Channel Enhancement-Mode Vertical DMOS FET
logo
Microchip Technology
VP3203N3-G MICROCHIP-VP3203N3-G Datasheet
779Kb / 14P
P-Channel Enhancement-Mode Vertical DMOS FET
09/14/21
More results

Similar Description - VP3203

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TP0606 SUTEX-TP0606 Datasheet
454Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP07L SUTEX-TP07L Datasheet
73Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs????
VP0104 SUTEX-VP0104 Datasheet
46Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
VP1506 SUTEX-VP1506 Datasheet
27Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs
VP2106 SUTEX-VP2106 Datasheet
456Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
VP1504 SUTEX-VP1504 Datasheet
339Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP2520 SUTEX-TP2520_07 Datasheet
576Kb / 5P
P-Channel Enhancement Mode Vertical DMOS FETs
TP2635 SUTEX-TP2635_07 Datasheet
562Kb / 5P
P- Channel Enhancement-Mode Vertical DMOS FETs
TP2424N8-G SUTEX-TP2424N8-G Datasheet
347Kb / 3P
P-Channel Enhancement Mode Vertical DMOS FETs
TP2540N3-G SUTEX-TP2540N3-G Datasheet
711Kb / 6P
P-Channel Enhancement Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com