Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS45 Datasheet(PDF) 2 Page - Altech corporation

Part # PS45
Description  45W Single Output Industrial DIN Rail Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

PS45 Datasheet(HTML) 2 Page - Altech corporation

  PS45_1 Datasheet HTML 1Page - Altech corporation PS45_1 Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
46.5
77
93
Install DIN rail TS35/7.5 or TS35/15
46.5
Terminal Pin. No Assignment
Pin No.
Pin No.
2
1
6,7
3
4,5
8
9
Assignment
Assignment
FG
DC OUTPUT -V
AC/L
AC/N
DC OUTPUT+V
LED
+V ADJ.
1
7
4
2
3
5
6
8
9
PWM
CIRCUIT
DETECTION
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCH-
FILTER
&
RECTIFIERS
+V
-V
ING
CONTROL
I/P
FG
-10
0
10
20
30
40
50
60 (VERTICAL)
20
40
60
80
100
Ta=25
200
80
8
70
12
16
20
24
140
100 120
180
160
28
32
260
240
220
50
100
150
200
250
300
350
Block Diagram
Output Derating
Static Characteristics (24V)
AMBIENT TEMPERATURE ( )
INPUT VOLTAGE (V) 60Hz
fosc : 100KHz
Mechanical Specification
PS-45 Series
35 Royal Road, Flemington, NJ 08822-6000 • (tel.) 908-806-9400 • (fax) 908-806-9490 • www.altechcorp.com
45W Single Output Industrial DIN Rail Power Supply



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com