Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KI2301BDS Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KI2301BDS
Description  P-Channel 2.5-V (G-S) MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KI2301BDS Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KI2301BDS Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KI2301BDS Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
Marking
Marking
L1
www.kexin.com.cn
KI2301BDS
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
V(BR)DSS VGS =0V, ID = -250 ìA
-20
Gate Threshold Voltage
VGS(th)
VDS =VGS,ID = -250 ìA
-0.45
-0.95
Gate-Body Leakage
IGSS
VDS =0V, VGS =
8V
100
nA
VDS =-20 V, VGS =0V
-1
VDS =-20 V, VGS =0V, TJ =55
-10
VDS
-5 V, VGS =-4.5V
-6
VDS
-5 V, VGS =-2.5V
-3
VGS =-4.5V, ID = -2.8 A
0.08
0.1
VGS =-2.5V, ID = -2.0 A
0.11
0.15
Forward Transconductance *
gfs
VDS =-5V, ID = -2.8 A
6.5
S
Diode Forward Voltage *
VSD
IS = -0.75 A, VGS = 0 V
-0.8
-1.2
V
Total Gate Charge
Qg
4.5
10
Gate-Source Charge
Qgs
0.7
Gate-Drain Charge
Qgd
1.1
Input Capacitance
Ciss
375
Output Capacitance
Coss
95
Reverse Transfer Capacitance
Crss
65
td(on)
20
30
tr
40
60
td(off)
30
45
tf
20
30
* Pulse test: PW
300 ìs duty cycle
2%.
V
Turn-Off Time
Turn-On Time
On-State Drain Current
ID(on)
Zero Gate Voltage Drain Current
IDSS
A
Drain-Source On-State Resistance *
rDS(on)
A
ns
VDS =-6V ,VGS =-4.5V , ID=-2.8A
VDS =-6V ,VGS = 0 ,f= 1 MHz
VDD =-6V , RL =6Ù,
ID =-1A , VGEN =- 4.5V , RG =6Ù
pF
nC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com