Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL1 Datasheet(PDF) 1 Page - Altech corporation

Part # PLL1
Description  30 mm Replacement Lenses for pilot lights PLLx (x=color)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

PLL1 Datasheet(HTML) 1 Page - Altech corporation

  PLL1 Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R
This Drawing is the property of
35 Royal Road
Flemington, NJ 08822-6000
(908) 806-9400
Fax (908) 806-9490
and is a confidential
disclosurelent without
consideration other than the
borrower’s agreement that it
shall not be reproduced,
copied, lent or disposed of
directly or indirectly nor
used for any purpose other
than that for which it is
specifically furnished.
unless otherwise specified:
all dimensions are in millimeters
third angle projection
M
E
T
R
I
C
tolerance
XX
XX.X
XX.XX
ALL
±1 mm
±0.5 mm
±0.2 mm
− mm
=
=
=
=
titel
drawn by:
checked by:
released by:
drawing no.:
rev.:
scale:
sheet:
of:
Laszlo Gyorgypal
11/21/2007
11/21/2007
Philipp Ernstberger
11/21/2007
30 mm Replacement Lenses for pilot lights PLLx (x=color)
1PB-PLLx
-
-
1
1
Laszlo Gyorgypal
revision for dwg # 1PB-PLLx
rev
-
ch.no.
-
description
original design
date
revised by
11/21/2007
Philipp E.
19.50 mm
[.8 in]
Seal Gasket
Column 1
Column 2
White
PLL1
Green
PLL3
Red
PLL4
Amber
PLL5
Blue
PLL6
Clear
PLL7
Yellow
PLL8


Similar Part No. - PLL1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL1000A ETC-PLL1000A Datasheet
80Kb / 2P
PHASE LOCKED LOOP
logo
PhaseLink Corporation
PLL102-03 PLL-PLL102-03 Datasheet
206Kb / 6P
Low Skew Output Buffer
PLL102-03SC PLL-PLL102-03SC Datasheet
206Kb / 6P
Low Skew Output Buffer
PLL102-03SC-R PLL-PLL102-03SC-R Datasheet
206Kb / 6P
Low Skew Output Buffer
PLL102-03SCL PLL-PLL102-03SCL Datasheet
206Kb / 6P
Low Skew Output Buffer
More results

Similar Description - PLL1

ManufacturerPart #DatasheetDescription
logo
Altech corporation
3PLBRXL-YYY ALTECH-3PLBRXL-YYY Datasheet
195Kb / 1P
Unibody LED Indicator Plastic Pilot Lights 3PLBRxL-yyy
2PLLXL ALTECH-2PLLXL Datasheet
492Kb / 1P
Lenses for 22 mm Pilot Lights with LED
2BTX ALTECH-2BTX Datasheet
165Kb / 1P
Boots for 22 mm Booted Actuators 2BTx (x=color)
BTX ALTECH-BTX Datasheet
152Kb / 1P
30 mm Rubber Boots BTx (x=color)
PLBX-XXX ALTECH-PLBX-XXX Datasheet
440Kb / 1P
30 mm Metal Pilot Light PLBx-yyy
logo
Hammond Manufacturing L...
1584PL HAMMOND-1584PL Datasheet
47Kb / 1P
Replacement Pilot Light
logo
List of Unclassifed Man...
LB8MP-1T04G ETC2-LB8MP-1T04G Datasheet
10Mb / 44P
Flush Mount Switches & Pilot Lights
logo
PHOENIX CONTACT
2702485 PHOENIX-2702485 Datasheet
70Kb / 4P
Easy mechanical replacement of traditional tube lights (retrofit), thanks to 70 mm diameter
logo
Schneider Electric
XGCS49LB201 SCHNEIDER-XGCS49LB201 Datasheet
153Kb / 6P
Panel Smart antenna with pilot lights
Jan 7, 2021
ZBY2323 SCHNEIDER-ZBY2323 Datasheet
88Kb / 2P
legend holder 30 x 40 mm with legend 8 x 27 mm with marking RESET red color
Nov 18, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com