Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAP Datasheet(PDF) 1 Page - Altech corporation

Part # PAP
Description  Padlock for 30 mm projecting actuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

PAP Datasheet(HTML) 1 Page - Altech corporation

  PAP Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R
This Drawing is the property of
35 Royal Road
Flemington, NJ 08822-6000
(908) 806-9400
Fax (908) 806-9490
and is a confidential
disclosurelent without
consideration other than the
borrower’s agreement that it
shall not be reproduced,
copied, lent or disposed of
directly or indirectly nor
used for any purpose other
than that for which it is
specifically furnished.
unless otherwise specified:
all dimensions are in millimeters
third angle projection
M
E
T
R
I
C
tolerance
XX
XX.X
XX.XX
ALL
±1 mm
±0.5 mm
±0.2 mm
− mm
=
=
=
=
titel
drawn by:
checked by:
released by:
drawing no.:
rev.:
scale:
sheet:
of:
Laszlo Gyorgypal
11/9/2007
11/9/2007
Philipp Ernstberger
11/9/2007
Padlock for 30 mm projecting actuator
1PB-PAP
-
-
1
1
Laszlo Gyorgypal
revision for dwg # 1PB-PAP
rev
-
ch.no.
-
description
original design
date
revised by
11/9/2007
Philipp E.
10.15 mm
[.4 in]
1.5 mm
[.1 in]
R15.1 mm
[.6 in]
n8 mm
[.3 in]
35.3 mm
[1.4 in]


Similar Part No. - PAP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAP-02V-S ETC1-PAP-02V-S Datasheet
366Kb / 11P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PAP-02V-S ETC2-PAP-02V-S Datasheet
366Kb / 11P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PAP-02V-S ETC2-PAP-02V-S Datasheet
311Kb / 15P
PA FAMILY SERIES/PA?줡AF?줡AL CONNECTOR Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PAP-02V-S ETC2-PAP-02V-S Datasheet
366Kb / 11P
FAMILY SERIES/PA?줡AF?줡AL CONNECTOR
logo
JST Mfg. Co., Ltd.
PAP-02V-S JST-PAP-02V-S Datasheet
340Kb / 12P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
More results

Similar Description - PAP

ManufacturerPart #DatasheetDescription
logo
Altech corporation
APX ALTECH-APX Datasheet
386Kb / 1P
30 mm Non-Illuminated Projecting Momentary Metal Operator APx
ALP101 ALTECH-ALP101 Datasheet
194Kb / 1P
30 mm Actuator Lock Plate ALP101
2PAP ALTECH-2PAP Datasheet
184Kb / 1P
Padlock for projecting actuator
2PAM ALTECH-2PAM Datasheet
270Kb / 1P
Padlock for mushroom actuator
PAM ALTECH-PAM Datasheet
285Kb / 1P
Padlock for 30 mm mushroom actuator
P2APX ALTECH-P2APX Datasheet
242Kb / 1P
22 mm Thermoplastic Enclosure Projecting Push Button P2APx
logo
Schneider Electric
AHPALI SCHNEIDER-AHPALI Datasheet
97Kb / 2P
CB HANDLE PADLOCK ATTACHMENT
Apr 19, 2021
HPAFD SCHNEIDER-HPAFD Datasheet
121Kb / 2P
CB HANDLE PADLOCK ATTACHMENT
Apr 19, 2021
HPALM SCHNEIDER-HPALM Datasheet
82Kb / 2P
CB HANDLE PADLOCK ATTACHMENT
Apr 19, 2021
logo
Vishay Siliconix
23 VISHAY-23 Datasheet
82Kb / 2P
Multidial 10 Turns 30.6 mm Diameter Projecting Design
19-Oct-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com