Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3906K Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3906K
Description  High-voltage Amplifier Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3906K Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3906K Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
High-voltage Amplifier Transistor
2SC3906K
Features
High breakdown voltage.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
120
V
Collector-emitter voltage
VCEO
120
V
Emitter-base voltage
VEBO
5V
Collector current
IC
50
mA
Collector power dissipation
PC
0.2
W
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base breakdown voltage
BVCBO
IC=50ìA
120
V
Collector-emitter breakdown voltage
BVCEO
IC=1mA
120
V
Emitter-base breakdown voltage
BVEBO
IE=50ìA
5
V
Collector cutoff current
ICBO
VCB=100V
0.5
ìA
Emitter cutoff current
IEBO
VEB=4V
0.5
ìA
DC current transfer ratio
hFE
VCE=6V, IC=2mA
180
560
Collector-emitter saturation voltage
VCE(sat) IC=10mA, IB=1mA
0.5
V
Output capacitance
fT
VCE=-12V, IE= 2mA, f=100MHz
140
MHz
Transition frequency
Cob
VCB=-12V, IE=0A, f=1MHz
2.5
pF
hFE Classification
Marking
TR
TS
Rank
R
S
hFE
180
390
270
560


Similar Part No. - 2SC3906K

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC3906K ROHM-2SC3906K Datasheet
59Kb / 1P
High-voltage Amplifier Transistor(120V, 50mA)
2SC3906K ROHM-2SC3906K Datasheet
75Kb / 3P
High-voltage Amplifier Transistor (120V, 50mA)
2SC3906K ROHM-2SC3906K Datasheet
358Kb / 8P
NPN 50mA 120V High Voltage Amplifier transistors
2SC3906K ROHM-2SC3906K Datasheet
132Kb / 3P
High-voltage Amplifier Transistor
logo
Guangdong Kexin Industr...
2SC3906K-R KEXIN-2SC3906K-R Datasheet
1Mb / 4P
NPN Transistors
More results

Similar Description - 2SC3906K

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA821S ROHM-2SA821S Datasheet
67Kb / 3P
HIGH VOLTAGE AMPLIFIER TRANSISTOR
2SC5274 ROHM-2SC5274 Datasheet
23Kb / 1P
High-Voltage Amplifier Transistor
logo
Guangdong Kexin Industr...
2SA1514K KEXIN-2SA1514K Datasheet
36Kb / 1P
High-voltage Amplifier Transistor
2SA1579 KEXIN-2SA1579 Datasheet
45Kb / 1P
High-Voltage Amplifier Transistor
2SC4102 KEXIN-2SC4102 Datasheet
46Kb / 1P
High-voltage Amplifier Transistor
logo
Rohm
2SA1579 ROHM-2SA1579_11 Datasheet
161Kb / 3P
High-voltage Amplifier Transistor
2SC4102 ROHM-2SC4102_11 Datasheet
132Kb / 3P
High-voltage Amplifier Transistor
2SA1579 ROHM-2SA1579_15 Datasheet
1Mb / 11P
High-voltage Amplifier Transistor
BSS63 ROHM-BSS63 Datasheet
1Mb / 10P
High-voltage Amplifier Transistor
BSS63HZG ROHM-BSS63HZG Datasheet
1Mb / 10P
High-voltage Amplifier Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com