Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT455 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FMMT455
Description  High Performance Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FMMT455 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  FMMT455 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
High Performance Transistor
FMMT455
Features
140 Volt VCEO
1 Amp continuous current
Ptot =500 mW
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
160
V
Collector-emitter voltage
VCEO
140
V
Emitter-base voltage
VEBO
5V
Peak collector current
ICM
2A
Collector current
IC
1A
Base current
IB
200
mA
Power dissipation
Ptot
500
mW
Operating and storage temperature range
Tj,Tstg
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO IC=100ìA
160
V
Collector-emitter sustaining voltage *
VCEO(sus) IC=10mA
140
V
Emitter-base breakdown voltage
V(BR)EBO IE=100ìA
5V
Collector cutoff current
ICBO
VCB=140V
0.1
ìA
Emitter cut-off current
IEBO
VEB=4V
0.1
ìA
Collector-emitter saturation voltage *
VCE(sat) IC=150mA,IB=15mA
0.7
V
IC=150mA,VCE=10V *
100
300
IC=1A, VCE=10V*
10
Transition frequency
fT
IC=50mA,VCE=10V,f=100MHz
100
MHz
Output capacitance
Cobo
VCB=10V, IE=0, f=1MHz
15
pF
* Pulse test: tp = 300 ìs; d
0.02.
hFE
Static Forward Current Transfer Ratio
Marking
Marking
455


Similar Part No. - FMMT455

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT455 ZETEX-FMMT455 Datasheet
136Kb / 2P
NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
Diodes Incorporated
FMMT455 DIODES-FMMT455 Datasheet
135Kb / 2P
SOT23 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FEBRUARY 1996
logo
Fairchild Semiconductor
FMMT455 FAIRCHILD-FMMT455 Datasheet
135Kb / 2P
SOT23 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FMMT455TA FAIRCHILD-FMMT455TA Datasheet
135Kb / 2P
SOT23 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
Diodes Incorporated
FMMT455 DIODES-FMMT455_15 Datasheet
135Kb / 2P
SOT23 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FEBRUARY 1996
More results

Similar Description - FMMT455

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SL2364C ETC1-SL2364C Datasheet
261Kb / 2P
VERY HIGH PERFORMANCE TRANSISTOR ARRAYS
logo
Guangdong Kexin Industr...
FMMT497 KEXIN-FMMT497 Datasheet
35Kb / 1P
High Voltage High Performance Transistor
FMMT495 KEXIN-FMMT495 Datasheet
36Kb / 2P
Power High Performance Transistor
FMMT589 KEXIN-FMMT589 Datasheet
35Kb / 1P
Power High Performance Transistor
FCX589 KEXIN-FCX589 Datasheet
36Kb / 2P
Power High Performance Transistor
FZT751 KEXIN-FZT751 Datasheet
37Kb / 2P
High Performance Transistor
logo
SeCoS Halbleitertechnol...
BCP156 SECOS-BCP156 Datasheet
600Kb / 2P
Planar High Performance Transistor
BCP156 SECOS-BCP156_15 Datasheet
564Kb / 2P
Planar High Performance Transistor
logo
Diodes Incorporated
ZXTC4591AMC DIODES-ZXTC4591AMC_15 Datasheet
215Kb / 9P
COMPLEMENTARY 40V HIGH PERFORMANCE TRANSISTOR
Rev 4
FZT653Q DIODES-FZT653Q Datasheet
668Kb / 7P
100V NPN HIGH PERFORMANCE TRANSISTOR
Rev 1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com