Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT614 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FMMT614
Description  Power Darlington Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FMMT614 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FMMT614 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FMMT614 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO IC=10ìA
120
300
V
Collector-emitter breakdown voltage *
V(BR)CEO IC=10mA
100
130
V
Emitter-base breakdown voltage
V(BR)EBO IE=10ìA
10
10
V
Collector cutoff current
ICBO
VCB=100V,IE=0
0.02
10
nA
Collector cutoff current
ICES
VCE=100V,IE=0
10
ìA
Emitter cut-off current
IEBO
VEB=8V
100
nA
Collector-emitter saturation voltage *
VCE(sat)
IC=500mA,IB=5mA
IC=100mA,IB=0.1mA
0.9
0.78
1.0
0.9
V
Base-emitter saturation voltage *
VBE(sat) IC=500mA,IB=5mA
1.7
1.9
V
Base-emitter voltage *
VBE(ON) IC=500mA,VCE=5V
1.5
1.8
V
IC=100mA,VCE=5V
15K
IC=500mA,VCE=5V
5K
Output capacitance
Cobo
VCB=10V,f=100MHz
6pF
ton
IC=100ìA, VS=10V
0.7
ìs
toff
IB=0.1mA
2.5
ìs
* Pulse test: tp = 300 ìs; d
0.02.
Switching times
hFE
DC current gain *
Marking
Marking
614
FMMT614



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com