Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1787HVCMS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1787HVCMS8
Description  Precision, High Side Current Sense Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1787HVCMS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1787HVCMS8 Datasheet HTML 4Page - Linear Technology LT1787HVCMS8 Datasheet HTML 5Page - Linear Technology LT1787HVCMS8 Datasheet HTML 6Page - Linear Technology LT1787HVCMS8 Datasheet HTML 7Page - Linear Technology LT1787HVCMS8 Datasheet HTML 8Page - Linear Technology LT1787HVCMS8 Datasheet HTML 9Page - Linear Technology LT1787HVCMS8 Datasheet HTML 10Page - Linear Technology LT1787HVCMS8 Datasheet HTML 11Page - Linear Technology LT1787HVCMS8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1787/LT1787HV
1787fc
0V
–100mV
0V
–500mV
–1V
COUT = 1000pF
1787 G14
Step Response at
VSENSE = 0V to –128mV
TYPICAL PERFORMANCE CHARACTERISTICS
Step Response at
VSENSE = 0V to 10mV
Step Response at
VSENSE = 0V to 128mV
10mV
0V
80mV
0V
COUT = 0pF
1787 G12
100mV
0V
1V
500mV
0V
COUT = 1000pF
1787 G13
Step Response at
VSENSE = 0V to 128mV
100mV
0V
1V
500mV
0V
COUT = 0pF
1787 G18
Step Response at
VSENSE = 0V to –128mV
0V
– 100mV
0V
– 500mV
–1V
COUT = 0
1787 G19
Step Response at
VSENSE = – 128mV to 128mV
0V
– 100mV
1V
100mV
0V
–1V
COUT = 0
1787 G20
Step Response at
VSENSE = 128mV to –128mV
100mV
–100mV
1V
0V
–1V
COUT = 2200pF
1787 G15
FREQUENCY (Hz)
1000
900
800
700
600
500
400
300
200
100
0
100
10k
100k
1M
1787 G16
1k
VOUT ERROR
LESS THAN 0.1%
0.5%
5%
2%
1%
VOUT Error vs Supply Ripple
Voltage (VSENSE = ±128mV)
SENSE VOLTAGE (VS
+ – V
S
–) (V)
16
14
12
10
8
6
4
2
0
–2
–4
–6
–8
0
0.8
2.0
1787 G21
–0.8 –0.4
0.4
1.2
1.6
VS
– = 18V
VBIAS = 0V
VEE = –18V
Output Voltage vs Sense Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com