Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1787CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1787CS8
Description  Precision, High Side Current Sense Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1787CS8 Datasheet(HTML) 3 Page - Linear Technology

  LT1787CS8 Datasheet HTML 1Page - Linear Technology LT1787CS8 Datasheet HTML 2Page - Linear Technology LT1787CS8 Datasheet HTML 3Page - Linear Technology LT1787CS8 Datasheet HTML 4Page - Linear Technology LT1787CS8 Datasheet HTML 5Page - Linear Technology LT1787CS8 Datasheet HTML 6Page - Linear Technology LT1787CS8 Datasheet HTML 7Page - Linear Technology LT1787CS8 Datasheet HTML 8Page - Linear Technology LT1787CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1787/LT1787HV
1787fc
Input Offset Voltage (MS8)
IOUT = 0, VS Supply = 5V
– 125
±40
125
µV
0
°C ≤ TA ≤ 70°C
●
– 230
230
µV
IOUT = 0 (LT1787)
– 150
150
µV
0
°C ≤ TA ≤ 70°C
●
– 250
250
µV
IOUT = 0 (LT1787HV)
– 150
150
µV
0
°C ≤ TA ≤ 70°C
●
– 250
250
µV
VOS TC
Temperature Coefficient of VOS VS Supply = 5V (Note 6)
●
0.5
2
µV/°C
IOUT(O)
No-Load Output Current Error
VSENSE = 0V
4
nA
VOUT(O)
No-Load Output Voltage Error
VSENSE = 0V, VS Supply = 5V
–600
600
µV
(S8)
0
°C ≤ TA ≤ 70°C
● –1080
1080
µV
No-Load Output Voltage Error
VSENSE = 0V, VS Supply = 5V
– 1000
1000
µV
(MS8)
0
°C ≤ TA ≤ 70°C
● –1840
1840
µV
gm
Tranconductance, IOUT/VSENSE
±VSENSE = 10mV, 50mV, 100mV, 150mV, 250mV,
400
µA/V
VS Supply = Total Supply + |VSENSE|
AV
Gain, VOUT/VSENSE
±VSENSE = 100mV, VS Supply = 5V
●
7.76
8
8.24
V/V
Output Voltage Gain Error
±VSENSE = 100mV, VS Supply = 5V
●
–3
1
3
%
VS PSRR
VS Supply Rejection Ratio
VSENSE = 0V, VS Supply = 2.5V to 36V (LT1787)
●
120
135
dB
VSENSE = 0V, VS Supply = 2.5V to 60V (LT1787HV)
●
120
135
dB
VEE PSRR Negative Supply Rejection Ratio VSENSE = 0V, VS Supply = 15V, VBIAS = 0V,
●
100
130
dB
VEE = – 1V to – 15V (LT1787)
VSENSE = 0V, VS Supply = 40V, VBIAS = 0V,
●
100
130
dB
VEE = – 1V to – 15V (LT1787HV)
∆VOS
Change in Input Offset Voltage
VSENSE = 0V, VS Supply = 36V, VBIAS = 0.5V to 25V (LT1787)
●
100
130
dB
∆VBIAS
with Change in VBIAS Voltage
VSENSE = 0V, VS Supply = 60V, VBIAS = 0.5V to 25V (LT1787HV) ●
100
130
dB
IS+(O)
Positive Input Sense Current
VSENSE = 0V
●
10
20
µA
IS–(O)
Negative Input Sense Current
VSENSE = 0V
●
50
100
µA
IEE(O)
Negative Supply Current
VSENSE = 0V
●
60
120
µA
IOUT
Output Current
VSENSE = ±128mV
±50
µA
VOUT
Output Voltage
VSENSE = ±128mV, VS+ ≥ 3.3V
VBIAS ±1.024
V
Ripple Rejection
VS+ = VS– = 20V, ∆VS Supply = 1V, f = 1kHz
●
80
88
dB
VOMIN
Minimum Output Voltage
VSENSE = 0V, VBIAS = 0V
30
45
mV
VSENSE = VS+ – VS– = –128mV, VBIAS = 0V
10
mV
VSENSE = 0V, VBIAS = 0V
●
30
49
mV
VSENSE = VS+ – VS– = –128mV, VBIAS = 0V
10
mV
Unipolar Output
VSENSE = 2mV, VBIAS = 0V
32
50
mV
Saturation Voltage
VSENSE = 4mV, VBIAS = 0V
38
55
mV
VSENSE = 5mV, VBIAS = 0V
43
60
mV
VSENSE = 6mV, VBIAS = 0V
49
65
mV
VSENSE = 2mV, VBIAS = 0V
●
32
54
mV
VSENSE = 4mV, VBIAS = 0V
●
38
59
mV
VSENSE = 5mV, VBIAS = 0V
●
43
64
mV
VSENSE = 6mV, VBIAS = 0V
●
49
69
mV
VOMAX
Maximum Output Voltage
VS+ – 0.75
V
RG1A, RG2A Input Gain-Setting Resistor
Pin 1 to Pin 2, Pin 7 to Pin 8
1.25
k
Ω
ROUT
Output Resistor
Pin 5 to Pin 6
20
k
Ω
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The
● denotes the specifications which apply over the temperature range 0
°C ≤ TA ≤ 70°C, otherwise specifications are at TA = 25°C.
Total supply = (VS– – VEE) = 2.5V to 36V (LT1787C), 2.5V to 60V (LT1787HVC) unless otherwise specified.
(Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com