Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2AML4 Datasheet(PDF) 1 Page - Altech corporation

Part # P2AML4
Description  22 mm Thermoplastic Enclosure Mushroom Push-Turn Operator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

P2AML4 Datasheet(HTML) 1 Page - Altech corporation

  P2AML4 Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ITEM DESCRIPTION
CAT. NO.
COLOR
MIN. QTY. MAX. QTY.
1*
Mushroom, 40 mm Momentary P2AM4
Red
1
1
2*
Rubber Gasket
2PRG1
Black
1
1
3*
Mounting Nut
P2MN
Black
1
1
4*
Mounting Bracket
P2BRK
Black
1
1
5
Panel
-
-
-
-
S1
Green
1
6
S2
Red
1
6
S3
Green/Gray
1
6
S4
Red/Gray
1
6
Switch Contacts
5**
R
This Drawing is the property of
35 Royal Road
Flemington, NJ 08822-6000
(908) 806-9400
Fax (908) 806-9490
and is a confidential
disclosurelent without
consideration other than the
borrower’s agreement that it
shall not be reproduced,
copied, lent or disposed of
directly or indirectly nor
used for any purpose other
than that for which it is
specifically furnished.
unless otherwise specified:
all dimensions are in millimeters
third angle projection
M
E
T
R
I
C
tolerance
XX
XX.X
XX.XX
ALL
±1 mm
±0.5 mm
±0.2 mm
− mm
=
=
=
=
titel
drawn by:
checked by:
released by:
drawing no.:
rev.:
scale:
sheet:
of:
Laszlo Gyorgypal
11/5/2007
11/5/2007
Philipp Ernstberger
11/5/2007
22 mm Thermoplastic Enclosure Mushroom Push-Turn Operator
P2AML4
1PB-P2AML4
-
-
1
1
Laszlo Gyorgypal
revision for dwg # 1PB-P2AML4
rev
-
ch.no.
-
description
original design
date
revised by
11/5/2007
Philipp E.
3
4
* = Push button is supplied with rubber gasket, mounting nut and
mounting bracket (ITEM 1,2,3 and 4)
** = Switch Contacts must be ordered separatly
Up tp six switch contacts can be installed.
1
3
30 mm
[1.2 in]
max. 4 mm
[.16 in]
20 mm
[.8 in]
44 mm
[1.7 in]
68 mm
[2.7 in]
92 mm
[3.6 in]
5
5


Similar Part No. - P2AML4

ManufacturerPart #DatasheetDescription
logo
Altech corporation
P2AMLS4 ALTECH-P2AMLS4 Datasheet
264Kb / 1P
22 mm Thermoplastic Enclosure Mushroom Push-Turn Operator
More results

Similar Description - P2AML4

ManufacturerPart #DatasheetDescription
logo
Altech corporation
4-001-Q-10 ALTECH-4-001-Q-10 Datasheet
226Kb / 1P
22 mm Thermoplastic Enclosure White/Black Operator Capacity 1
3-001-R-11 ALTECH-3-001-R-11 Datasheet
176Kb / 1P
22 mm Thermoplastic Enclosures White/Black Operator Capacity 2
3-001-Q-11 ALTECH-3-001-Q-11 Datasheet
221Kb / 1P
22 mm Thermoplastic Enclosure White/Black Operator Capacity 1
2AMLJX ALTECH-2AMLJX Datasheet
189Kb / 1P
22mm Non-Illuminated Mushroom Push-Turn Mental Operator 2AMLJx
P2APX ALTECH-P2APX Datasheet
242Kb / 1P
22 mm Thermoplastic Enclosure Projecting Push Button P2APx
P2AMPP4 ALTECH-P2AMPP4 Datasheet
271Kb / 1P
22 mm Thermoplastic Enclosure Mushroom Push-Pull Operator
P2AMLS4 ALTECH-P2AMLS4 Datasheet
264Kb / 1P
22 mm Thermoplastic Enclosure Mushroom Push-Turn Operator
P2AM4 ALTECH-P2AM4 Datasheet
262Kb / 1P
22 mm Thermoplastic Enclosure Mushroom Momentary Operator
P2AFX ALTECH-P2AFX Datasheet
248Kb / 1P
22 mm Thermoplastic Enclosure Flush Momentary Operator P2AFx
logo
Schneider Electric
ZA2BS834 SCHNEIDER-ZA2BS834 Datasheet
109Kb / 2P
Harmony, pendant station, emergency stop operator, push to maintain, turn to release, 30 mm mushroom, red
Mar 21, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com