Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1790 Datasheet(PDF) 21 Page - Linear Technology

Part # LT1790
Description  Micropower SOT-23 Low Dropout Reference Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1790 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT1790 Datasheet HTML 16Page - Linear Technology LT1790 Datasheet HTML 17Page - Linear Technology LT1790 Datasheet HTML 18Page - Linear Technology LT1790 Datasheet HTML 19Page - Linear Technology LT1790 Datasheet HTML 20Page - Linear Technology LT1790 Datasheet HTML 21Page - Linear Technology LT1790 Datasheet HTML 22Page - Linear Technology LT1790 Datasheet HTML 23Page - Linear Technology LT1790 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
LT1790
1790fa
APPLICATIONS INFORMATION
LT1790
C1
0.1
µF
C2
1
µF
ON SEMI
MMBT5551
VS
6V TO 160V
VOUT
1790 F11
R2
4.7k
R1
330k
BZX84C12
LT1790
C2
1
µF
BAV99
VOUT
1790 F12
C1
0.1
µF
R1
330k
VS
6.5V TO 160V
ON SEMI
MMBT5551
–
+
LT1790-2.5
LT1782
17909 F13
C2
1
µF
NOTE: NOT CURRENT LIMITED
VOUT = 2.5V
ILOAD = 0mA to 300mA
R3
22
Ω
5%
R1
680
Ω
5%
VS
2.8V TO 3.3V
NO LOAD
SUPPLY CURRENT
120
µA
R2
100k
5%
C1
0.1
µF
R4
1k
5%
VISHAY SILICONIX
Si3445DV
Figure 11. Extended Supply Range Reference
Figure 12. Extended Supply Range Reference
Figure 13. Compact, High Output Current, Low Dropout, Precison 2.5V Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com