Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT593 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FMMT593
Description  High Voltage Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FMMT593 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FMMT593 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FMMT593 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO IC=-100ìA
-120
V
Collector-emitter breakdown voltage *
V(BR)CEO IC=-10mA
-100
V
Emitter-base breakdown voltage
V(BR)EBO IE=-100ìA
-5
V
Collector cutoff current
ICBO
VCB=-100V
-100
nA
Collector-Emitter Cut-Off Current
ICES
VCE=-100V
-100
nA
Emitter cut-off current
IEBO
VEB=-4V
-100
nA
IC=-250mA, IB=-25mA
-0.2
V
IC=-500mA, IB=-50mA
-0.3
V
Base-emitter saturation voltage *
VBE(sat) IC=-500mA, IB=-50mA
-1.1
V
Base-emitter voltage *
VBE(ON) IC=-1mA,VCE=-5V
-1.0
V
IC=-1mA, VCE=-5V
100
IC=-250mA,VCE=-5V*
100
IC=-500mA, VCE=-5V*
100
300
IC=-1A, VCE=-5V,
50
Current-gain-bandwidth product
fT
IC=-50mA,VCE=-10V,f=100MHz
50
MHz
Output capacitance
Cobo
VCB=-10V,f=1MHz
5pF
* Pulse test: tp = 300 ìs; d
0.02.
Collector-emitter saturation voltage *
VCE(sat)
Static Forward Current Transfer Ratio
hFE
FMMT593
Marking
Marking
593



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com