Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC07 Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC07
Description  3V LOGIC OUTPUT TEMPERATURE SENSOR WITH PROGRAMMABLE HYSTERESIS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC07 Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC07 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC07 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC07 Datasheet HTML 3Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2-11
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC07
TC07-1 9/18/96
ORDERING INFORMATION
Part No.
Package
Temp. Range
TC07COA
8-Pin SOIC
0
°C to +70°C
TC07CUA
8-Pin MSOP
0
°C to +70°C
TC07EOA
8-Pin SOIC
– 40
°C to +85°C
TC07EUA
8-Pin MSOP
– 40
°C to +85°C
TC07VOA
8-Pin SOIC
– 40
°C to +125°C
TC07VUA
8-Pin MSOP
– 40
°C to +125°C
FUNCTIONAL BLOCK DIAGRAM
3V LOGIC OUTPUT TEMPERATURE SENSOR WITH
PROGRAMMABLE HYSTERESIS
FEATURES
s
User Programmable Hysteresis and Temperature
Set Point
s
Easily Programs with Two External Resistors
s
Wide Temperature Detection Range
TC07CxA ....................................... 0
°C to +70°C
TC07ExA ................................ – 40
°C to +85°C
TC07VxA ............................... – 40
°C to +125°C
s
Small 8-Pin MSOP and 8-Pin SOIC Packages
s
Cost Effective
APPLICATIONS
s
Power Supply Over-Temperature Detection
s
Consumer Equipment
s
Temperature Regulators
s
Computer Equipment
GENERAL DESCRIPTION
The TC07 is a programmable, logic output temperature
detector that operates from power supply levels as low as
2.7V. Programming is accomplished with external resistors
connected from the temperature setpoint input (TSET) and
the hysteresis control input (HSET) to VDD.
Complimentary outputs (OUT and OUT) are driven
active when temperature exceeds the temperature thresh-
old programmed by the resistor on TSET. The states of these
outputs are maintained (latched) until temperature falls
below threshold programmed by the resistor on HSET.
The TC07 is useful over a maximum temperature range
of – 40
°C to +125°C (TC07VxA). It features low (<130µA)
supply current and small physical size 8-pin MSOP and
8-pin SOIC packages, making it suitable for a wide variety
of applications.
PIN CONFIGURATION
8-Pin MSOP
TSET
OUT
OUT
TEMPERATURE
TO VOLTAGE
CONVERTER
VOLTAGE
REFERENCE
GENERATOR
TEMP
SENSOR
HSET
VDD
GND
+
+
–
–
S
Q
R
Q
8-Pin SOIC
GND
TSET
HSET
NC
GND
TSET
HSET
NC
VDD
OUT
OUT
NC
VDD
OUT
OUT
NC
8
7
6
5
1
2
3
4
18
27
36
45
TC07COA
TC07EOA
TC07VOA
TC07CUA
TC07EUA
TC07VUA


Similar Part No. - TC07

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC07 MICROCHIP-TC07 Datasheet
250Kb / 12P
3V Logic Output Temperature Sensor with Programmable Hysteresis
2005
logo
Kingbright Corporation
TC07-11 KINGBRIGHT-TC07-11 Datasheet
133Kb / 5P
18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAYS
TC07-11CGKWA KINGBRIGHT-TC07-11CGKWA Datasheet
354Kb / 6P
Low current operation
logo
List of Unclassifed Man...
TC07-11EWA ETC-TC07-11EWA Datasheet
153Kb / 5P
18MM (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TC07-11EWA KINGBRIGHT-TC07-11EWA Datasheet
133Kb / 5P
18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAYS
More results

Similar Description - TC07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMT160 ETC-SMT160 Datasheet
79Kb / 9P
Temperature sensor with digital output
logo
Analog Devices
ADCMP341 AD-ADCMP341 Datasheet
148Kb / 13P
Dual Comparators with 400mV Reference and programmable Hysteresis
ADCMP341 AD-ADCMP341_07 Datasheet
353Kb / 12P
Dual 0.275% Comparators and Reference with Programmable Hysteresis
2/07-Revision 0
logo
Microchip Technology
TC07 MICROCHIP-TC07 Datasheet
250Kb / 12P
3V Logic Output Temperature Sensor with Programmable Hysteresis
2005
MCP9501 MICROCHIP-MCP9501 Datasheet
338Kb / 20P
Temperature Switch with Selectable Hysteresis
2011
TC623 MICROCHIP-TC623_13 Datasheet
141Kb / 12P
3V, Dual Trip Point Temperature Sensor
11/29/12 2001-2012
logo
Analog Devices
ADCMP341 AD-ADCMP341_15 Datasheet
346Kb / 12P
Comparators and Reference with Programmable Hysteresis
REV. A
ADCMP343 AD-ADCMP343_15 Datasheet
346Kb / 12P
Comparators and Reference with Programmable Hysteresis
REV. A
logo
Allegro MicroSystems
A1454 ALLEGRO-A1454 Datasheet
434Kb / 15P
3V Hall Effect Linear Sensor with I2C Output
logo
Vishay Siliconix
SIP32451 VISHAY-SIP32451 Datasheet
201Kb / 12P
Low logic control with hysteresis
8-Oct-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com