Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSW20 Datasheet(PDF) 4 Page - Altech corporation

Part # MSW20
Description  MS016
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

MSW20 Datasheet(HTML) 4 Page - Altech corporation

  MSW20 Datasheet HTML 1Page - Altech corporation MSW20 Datasheet HTML 2Page - Altech corporation MSW20 Datasheet HTML 3Page - Altech corporation MSW20 Datasheet HTML 4Page - Altech corporation MSW20 Datasheet HTML 5Page - Altech corporation MSW20 Datasheet HTML 6Page - Altech corporation MSW20 Datasheet HTML 7Page - Altech corporation MSW20 Datasheet HTML 8Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www .altechme xico .com
7
DOS POLOS
TRES POLOS
Clasif.
Corriente
Código
Aprobación
0.3A
ND
0.5A
ND
0.75A
ND
0.8A
ND
1.0A
ND
1.6A
ND
2.0A
ND
2.5A
ND
3.0A
ND
3.5A
ND
4.0A
ND
5.0A
ND
6.0A
2B6.06
8.0A
ND
10A
2B106
13A
2B136
16A
2B166
20A
2B206
25A
2B256
32A
2B326
40A
2B406
50A
2B506
63A
2B636
Código
Aprobación
ND
ND
ND
ND
ND
ND
ND
ND
ND
ND
ND
ND
3B6.06
ND
3B106
3B136
3B166
3B206
3B256
3B326
3B406
3B506
3B636
Parámetros del Disparo
Magnético Curva “B”
1. Mantenido por un minimo de 100ms en
sobre tensión ó 3 veces la corriente
nominal.
2. Disparo abajo de 100 ms a 5 veces la
intensidad nominal.
2B
3B
230/400V CA
6.0 - 63A (RC): 6kA
6.0 - 20A (RC) : 80A
25 - 32A (RC) : 100A
40 - 63A (RC) : 125A
20000 ON/OFF operaciónes
30°C (86°F)
5/1.4kg (3.1 lb.)
Arriba: 18-3 AWG; 0.5-25mm2
Abajo: 18-2 AWG; 0.5-35mm2
22 lb.in.; max 2.5 Nm
230/400V CA
6.0 - 63A (RC): 6kA
6.0 - 20A (RC) : 80A
25 - 32A (RC) : 100A
40 - 63A (RC) : 125A
20000 ON/OFF operaciónes
30°C (86°F)
4/1.68kg (3.7 lb.)
Arriba: 18-3 AWG; 0.5-25mm2
Abajo: 18-2 AWG; 0.5-35mm2
22 lb.in.; max 2.5 Nm
10-3
4x10-3
10-2
4x10-2
10-1
0.4
1
4
10
1
4
10
40
60
V-EA-B Disparo
6.0 - 10 Amps
12
3 4 5 6 8 10
20
40
100
Múltiplo de Corriente Nominal
1.13-1.45xI
N
V-EA-B Disparo
13 - 63 Amps
12
3 4 5 6 8 10
20
40
100
Múltiplo de Corriente Nominal
10-3
4x10-3
10-2
4x10-2
10-1
0.4
10
1
1
4
4
10
40
60
1.13-1.45xI
N
Dimensiones
Basicas
(vista lateral)
35 mm
(1.38 in.)
70 mm (2.76 in.)
91.5 mm
(3.60 in.)
35 mm (1.38 in.)
91.5 mm
(3.60 in.)
52.5 mm (2.07 in.)
MEXICO



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com