Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC131 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # HVC131
Description  Silicon Epitaxial Planar Pin Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

HVC131 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  HVC131 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
SOD-523
Unit: mm
0.77max
0.6+0.1
-0.1
1.2+0.1
-0.1
1.6+0.1
-0.1
+-
Silicon Epitaxial Planar Pin Diode
HVC131
Features
Low capacitance.(C=0.8pF max)
Low forward resistance. (rf=1.0
max)
A b solu te M a xim u m R atings T a = 2 5
P a ra m e te r
S y m bol
V a lu e
U nit
P eak re v e rs e v oltage
V RM
65
V
R e v e rs e v oltage
V R
60
V
F o rw ard c urrent
IF
100
m A
P o w e r d issipatio n
P d
150
m W
Junction te m perature
T j
125
S torage te m perature
T stg
-5 5to+ 1 2 5
E lectrical C haracteristics T a = 25
P aram eter
S ym bol
T est C ondition
M in
T yp
M ax
U nit
R everse current
IR
V R =60 V
0.1
A
R everse voltage
V F
IF =10 m A
1.0
V
C apacitance
C
V R =1 V , f = 1 M H z
0.8
pF
F orward resistance
rf
IF = 10 m A , f = 100 M H z
1.0
Marking
Marking
P1


Similar Part No. - HVC131

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC131 HITACHI-HVC131 Datasheet
22Kb / 5P
Silicon Epitaxial Planar Pin Diode for High Frequency Switching
logo
Renesas Technology Corp
HVC131 RENESAS-HVC131 Datasheet
82Kb / 5P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
More results

Similar Description - HVC131

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
HVU133 KEXIN-HVU133 Datasheet
32Kb / 1P
Silicon Epitaxial Planar Pin Diode
HVC133 KEXIN-HVC133 Datasheet
32Kb / 1P
Silicon Epitaxial Planar Pin Diode
HVC134 KEXIN-HVC134 Datasheet
32Kb / 1P
Silicon Epitaxial Planar Pin Diode
HVD142 KEXIN-HVD142 Datasheet
32Kb / 1P
Silicon Epitaxial Planar Pin Diode
HVU132 KEXIN-HVU132 Datasheet
31Kb / 1P
Silicon Epitaxial Planar Pin Diode
logo
Shenzhen Taychipst Elec...
1SV121 TAYCHIPST-1SV121 Datasheet
5Mb / 2P
SILICON EPITAXIAL PLANAR PIN DIODE
logo
SEMTECH ELECTRONICS LTD...
1PS3C02CCW SEMTECH_ELEC-1PS3C02CCW Datasheet
494Kb / 2P
Silicon Epitaxial Planar PIN Diode
1PS14SE SEMTECH_ELEC-1PS14SE Datasheet
283Kb / 2P
Silicon Epitaxial Planar PIN Diode
1PS250 SEMTECH_ELEC-1PS250 Datasheet
303Kb / 2P
Silicon Epitaxial Planar PIN Diode
1PS251SE SEMTECH_ELEC-1PS251SE Datasheet
273Kb / 2P
Silicon Epitaxial Planar PIN Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com