Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC136 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # HVC136
Description  Silicon Epitaxial Trench Pin Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

HVC136 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  HVC136 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
SOD-523
Unit: mm
0.77max
0.6+0.1
-0.1
1.2+0.1
-0.1
1.6+0.1
-0.1
+-
Silicon Epitaxial Trench Pin Diode
HVC136
Features
Adopting the trench structure improves low capacitance.(C = 0.45 pF max)
Low forward resistance. (rf=2.5
max)
Low operation current.
A b solu te M a xim u m R atings T a = 2 5
P a ra m e te r
S y m bol
V a lu e
U nit
P eak re v e rs e v oltage
V RM
65
V
R e v e rs e v oltage
V R
60
V
F o rw ard c urrent
IF
100
m A
P o w e r d issipatio n
P d
150
m W
Junction te m perature
T j
125
S torage te m perature
T stg
-5 5 to + 125
Electrical C haracteristics T a = 25
P aram eter
S ym bol
Conditions
M in
Typ
M ax
Unit
Reverse current
IR
V R =60 V
0.1
A
Reverse voltage
V F
IF =2 m A
0.9
V
Capacitance
C
V R = 1 V , f = 1 M Hz
0.45
pF
Forward resistance
rf
IF = 2 m A , f = 100 M Hz
2.5
Note
1. Failure criterion ; IR > 100 nA at V R =60V .
V
E S D-Capability *1
C =200pF, B oth forward and
reverse direction 1 pulse
100
Marking
Marking
P6


Similar Part No. - HVC136

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC136 HITACHI-HVC136 Datasheet
25Kb / 6P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
More results

Similar Description - HVC136

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC136 HITACHI-HVC136 Datasheet
25Kb / 6P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
logo
Renesas Technology Corp
HVD144A RENESAS-HVD144A Datasheet
79Kb / 6P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVD148 RENESAS-HVD148 Datasheet
50Kb / 5P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVL147 RENESAS-HVL147 Datasheet
82Kb / 5P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
RKP201KM RENESAS-RKP201KM Datasheet
159Kb / 5P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
RKP202KN RENESAS-RKP202KN Datasheet
159Kb / 5P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVL144A RENESAS-HVL144A Datasheet
67Kb / 6P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVL147 RENESAS-HVL147_06 Datasheet
56Kb / 5P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVL148 RENESAS-HVL148 Datasheet
155Kb / 5P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
logo
Guangdong Kexin Industr...
HVC135 KEXIN-HVC135 Datasheet
32Kb / 1P
Silicon Epitaxial Trench Pin Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com