Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1802CS Datasheet(PDF) 6 Page - Linear Technology

Part # LT1802CS
Description  Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1802CS Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1802CS Datasheet HTML 2Page - Linear Technology LT1802CS Datasheet HTML 3Page - Linear Technology LT1802CS Datasheet HTML 4Page - Linear Technology LT1802CS Datasheet HTML 5Page - Linear Technology LT1802CS Datasheet HTML 6Page - Linear Technology LT1802CS Datasheet HTML 7Page - Linear Technology LT1802CS Datasheet HTML 8Page - Linear Technology LT1802CS Datasheet HTML 9Page - Linear Technology LT1802CS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LT1801/LT1802
18012fb
ELECTRICAL CHARACTERISTICS T
A = 25°C, VS = ±5V, VCM = 0V, VOUT = 0V, unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = VS
–
150
600
µV
VCM = VS
– (MS8)
180
750
µV
VCM = VS
– (DD)
260
1050
µV
VCM = VS
+
0.7
3.5
mV
∆VOS
Input Offset Shift
VCM = VS
– to VS+ – 1.5V
30
475
µV
Input Offset Voltage Match
VCM = VS
–
150
1000
µV
(Channel-to-Channel) (Note 9)
VCM = VS
– (MS8)
275
1300
µV
VCM = VS
– (DD)
325
1600
µV
IB
Input Bias Current
VCM = VS
– + 1V
25
250
nA
VCM = VS
+
400
1500
nA
Input Bias Current Match
VCM = VS
– + 1V
20
350
nA
(Channel-to-Channel) (Note 9)
VCM = VS
+
20
500
nA
IOS
Input Offset Current
VCM = VS
– + 1V
20
250
nA
VCM = VS
+
20
250
nA
Input Noise Voltage
0.1Hz to 10Hz
1.4
µVP-P
en
Input Noise Voltage Density
f = 10kHz
8.5
nV/
√Hz
in
Input Noise Current Density
f = 10kHz
1
pA/
√Hz
CIN
Input Capacitance
f = 100kHz
2
pF
AVOL
Large-Signal Voltage Gain
VO = –4V to 4V, RL = 1k
25
70
V/mV
VO = –2V to 2V, RL = 100Ω
2.5
7
V/mV
CMRR
Common Mode Rejection Ratio
VCM = VS
– to 3.5V
85
109
dB
CMRR Match (Channel-to-Channel) (Note 9)
VCM = VS
– to 3.5V
79
109
dB
Input Common Mode Range
VS
–
VS
+
V
PSRR
Power Supply Rejection Ratio
VS
+ = 2.5V to 10V, VS– = 0V
78
97
dB
PSRR Match (Channel-to-Channel) (Note 9)
VS
+ = 2.5V to 10V, VS– = 0V
72
97
dB
VOL
Output Voltage Swing Low (Note 7)
No Load
15
70
mV
ISINK = 5mA
90
200
mV
ISINK = 20mA
225
500
mV
VOH
Output Voltage Swing High (Note 7)
No Load
20
80
mV
ISOURCE = 5mA
130
260
mV
ISOURCE = 20mA
450
850
mV
ISC
Short-Circuit Current
25
50
mA
IS
Supply Current per Amplifier
1.8
3
mA
GBW
Gain Bandwidth Product
Frequency = 2MHz
70
MHz
FPBW
Full Power Bandwidth
VO = 8VP-P
0.9
MHz
SR
Slew Rate
AV = – 1, RL = 1k, VO = ±4V, Measured at VO = ±2V
20
V/
µs
HD
Harmonic Distortion
AV = 1, RL = 1k, VO = 2VP-P, fC = 500kHz
–75
dBc
tS
Settling Time
0.01%, VSTEP = 5V, AV = 1V, RL = 1k
300
ns
∆G
Differential Gain (NTSC)
AV = 2, RL = 150Ω
0.35
%
∆θ
Differential Phase (NTSC)
AV = 2, RL = 150Ω
0.2
Deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com