Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC04ACZM Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC04ACZM
Description  LOW POWER, BANDGAP VOLTAGE REFERENCES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC04ACZM Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC04ACZM Datasheet HTML 1Page - TelCom Semiconductor, Inc TC04ACZM Datasheet HTML 2Page - TelCom Semiconductor, Inc TC04ACZM Datasheet HTML 3Page - TelCom Semiconductor, Inc TC04ACZM Datasheet HTML 4Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3-6
TELCOM SEMICONDUCTOR, INC.
ABSOLUTE MAXIMUM RATINGS*
Forward Current .................................................... +10mA
Reverse Current .................................................... +30mA
Storage Temperature Range ................ – 65
°C to +150°C
Operating Temperature Range
TO-92 Package ..................................... 0
°C to +70°C
Surface Mount Package ........................ 0
°C to +70°C
Lead Temperature (Soldering, 10 sec)
TO-92 Package .............................................. +300
°C
Surface Mount Package ................................. +300
°C
Power Dissipation ............................. Limited by Forward/
Reverse Current
*Functional operation above the absolute maximum stress ratings is not
implied.
ELECTRICAL CHARACTERISTICS: TA = +25°C, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VBR
Reverse Breakdown Voltage:
IR = 100µA
TC04
1.24
1.26
1.28
V
TC05
2.45
2.50
2.60
DVBR
Reverse Breakdown Voltage Change:
TC04
15
µA < IR < 20mA
—
10
20
mV
20
µA < IR < 1mA
—
0.25
1
TC05
20
µA < IR < 20mA
—
10
20
25
µA < IR < 1mA
—
0.25
1
TC
Temperature Coefficient:
IR = 100µA
TC04A/TC05A
—
0.003
0.005
%/
°C
TC04B/TC05B
—
0.003
0.01
IR
Reverse Current:
TC04
0.015
—
20
mA
TC05
0.020
—
20
LOW POWER, BANDGAP
VOLTAGE REFERENCES
TC04A
TC04B
TC05A
TC05B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com