Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1801CDD Datasheet(PDF) 2 Page - Linear Technology

Part # LT1801CDD
Description  Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1801CDD Datasheet(HTML) 2 Page - Linear Technology

  LT1801CDD Datasheet HTML 1Page - Linear Technology LT1801CDD Datasheet HTML 2Page - Linear Technology LT1801CDD Datasheet HTML 3Page - Linear Technology LT1801CDD Datasheet HTML 4Page - Linear Technology LT1801CDD Datasheet HTML 5Page - Linear Technology LT1801CDD Datasheet HTML 6Page - Linear Technology LT1801CDD Datasheet HTML 7Page - Linear Technology LT1801CDD Datasheet HTML 8Page - Linear Technology LT1801CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LT1801/LT1802
18012fb
TJMAX = 150°C, θJA = 160°C/ W, (Note 10)
Total Supply Voltage (VS– to VS+) ......................... 12.6V
Input Current (Note 2) ........................................
±10mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 4) .. – 40
°C to 85°C
Specified Temperature Range (Note 5) ... – 40
°C to 85°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Junction Temperature .......................................... 150
°C
Storage Temperature Range ................. – 65
°C to 150°C
Maximum Junction Temperature (DD Package) ... 125
°C
Storage Temperature (DD Package) ..... – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
(Note 1)
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
A
BC
D
1801
1801I
1
2
3
4
8
7
6
5
TOP VIEW
V+
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V–
S8 PACKAGE
8-LEAD PLASTIC SO
+
–
+
–
TJMAX = 150°C, θJA = 190°C/ W, (Note 10)
LT1802CS
LT1802IS
S8 PART
MARKING
ORDER PART
NUMBER
1
2
3
4
OUT A
–IN A
+IN A
V–
8
7
6
5
V+
OUT B
–IN B
+IN B
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
ORDER PART
NUMBER
LT1801CS8
LT1801IS8
LTYR
LTYS
MS8 PART
MARKING
ORDER PART
NUMBER
LT1801CMS8
LT1801IMS8
TJMAX = 150°C, θJA = 250°C/ W, (Note 10)
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
B
A
LAAM*
DD PART
MARKING
ORDER PART
NUMBER
LT1801CDD
LT1801IDD
TJMAX = 125°C, θJA = 160°C/ W, (Note 10)
EXPOSED PAD INTERNALLY CONNECTED TO V–.
(PCB CONNECTION OPTIONAL)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Order Options Tape and Reel: Add #TR Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com