Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1809CS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1809CS8
Description  Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1809CS8 Datasheet(HTML) 2 Page - Linear Technology

  LT1809CS8 Datasheet HTML 1Page - Linear Technology LT1809CS8 Datasheet HTML 2Page - Linear Technology LT1809CS8 Datasheet HTML 3Page - Linear Technology LT1809CS8 Datasheet HTML 4Page - Linear Technology LT1809CS8 Datasheet HTML 5Page - Linear Technology LT1809CS8 Datasheet HTML 6Page - Linear Technology LT1809CS8 Datasheet HTML 7Page - Linear Technology LT1809CS8 Datasheet HTML 8Page - Linear Technology LT1809CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LT1809/LT1810
Total Supply Voltage (V + to V –) ........................... 12.6V
Input Voltage (Note 2) ..............................................
±VS
Input Current (Note 2) ........................................
±10mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 4) .. – 40
°C to 85°C
(Note 1)
1
2
3
4
8
7
6
5
TOP VIEW
NC
V+
OUT
NC
SHDN
–IN
+IN
V–
S8 PACKAGE
8-LEAD PLASTIC SO
–
+
ORDER PART
NUMBER
S6 PART MARKING
LTKY
LTUF
LT1809CS6
LT1809IS6
TJMAX = 150°C, θJA = 100°C/W (Note 9)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Specified Temperature Range (Note 5) ... – 40
°C to 85°C
Junction Temperature ........................................... 150
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
S8 PART MARKING
1809
1809I
LT1809CS8
LT1809IS8
OUT 1
V– 2
+IN 3
6 V+
5 SHDN
4 –IN
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC SOT-23
TJMAX = 150°C, θJA = 145°C/W (Note 9)
ORDER PART
NUMBER
MS8 PART MARKING
LTRF
LTTQ
LT1810CMS8
LT1810IMS8
ORDER PART
NUMBER
S8 PART MARKING
1810
1810I
LT1810CS8
LT1810IS8
1
2
3
4
OUT A
–IN A
+IN A
V –
8
7
6
5
V+
OUT B
–IN B
+IN B
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 130°C/W (Note 9)
TOP VIEW
V +
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V –
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
A
B
TJMAX = 150°C, θJA = 100°C/W (Note 9)
TA = 25°C. VS = 5V, 0V; VS = 3V, 0V; VSHDN = open; VCM = VOUT = half supply, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V
+ LT1809 SO-8
0.6
2.5
mV
VCM = V – LT1809 SO-8
0.6
2.5
mV
VCM = V
+
0.6
3.0
mV
VCM = V –
0.6
3.0
mV
∆VOS
Input Offset Shift
VCM = V – to V+ LT1809 SO-8
0.3
2.0
mV
VCM = V
– to V+
0.3
2.5
mV
Input Offset Voltage Match (Channel-to-Channel) (Note 10)
0.7
6
mV
IB
Input Bias Current
VCM = V +
1.8
8
µA
VCM = V
– + 0.2V
– 27.5
–13
µA
∆IB
Input Bias Current Shift
VCM = V
– + 0.2V to V+
14.8
35.5
µA
Input Bias Current Match (Channel-to-Channel) (Note 10)
VCM = V+
0.1
4
µA
VCM = V– + 0.2V
0.2
8
µA
Consult factory for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com