Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1810CS8 Datasheet(PDF) 21 Page - Linear Technology

Part # LT1810CS8
Description  Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1810CS8 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT1810CS8 Datasheet HTML 16Page - Linear Technology LT1810CS8 Datasheet HTML 17Page - Linear Technology LT1810CS8 Datasheet HTML 18Page - Linear Technology LT1810CS8 Datasheet HTML 19Page - Linear Technology LT1810CS8 Datasheet HTML 20Page - Linear Technology LT1810CS8 Datasheet HTML 21Page - Linear Technology LT1810CS8 Datasheet HTML 22Page - Linear Technology LT1810CS8 Datasheet HTML 23Page - Linear Technology LT1810CS8 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
LT1809/LT1810
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTIO
1.50 – 1.75
(.059 – .069)
(NOTE 3)
2.60 – 3.00
(.102 – .118)
.25 – .50
(.010 – .020)
(6PLCS, NOTE 2)
L
DATUM ‘A’
.09 – .20
(.004 – .008)
(NOTE 2)
A1
S6 SOT-23 0401
2.80 – 3.10
(.110 – .118)
(NOTE 3)
.95
(.037)
REF
A
A2
1.90
(.074)
REF
.20
(.008)
.90 – 1.45
(.035 – .057)
.00 – 0.15
(.00 – .006)
.90 – 1.30
(.035 – .051)
.35 – .55
(.014 – .021)
1.00 MAX
(.039 MAX)
A
A1
A2
L
.01 – .10
(.0004 – .004)
.80 – .90
(.031 – .035)
.30 – .50 REF
(.012 – .019 REF)
PIN ONE ID
MILLIMETERS
(INCHES)
NOTE:
1. CONTROLLING DIMENSION: MILLIMETERS
2. DIMENSIONS ARE IN
3. DRAWING NOT TO SCALE
4. DIMENSIONS ARE INCLUSIVE OF PLATING
5. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
6. MOLD FLASH SHALL NOT EXCEED .254mm
7. PACKAGE EIAJ REFERENCE IS:
SC-74A (EIAJ) FOR ORIGINAL
JEDEC MO-193 FOR THIN
SOT-23
(Original)
SOT-23
(ThinSOT)
S6 Package
6-Lead Plastic SOT-23
(Reference LTC DWG # 05-08-1634)
(Reference LTC DWG # 05-08-1636)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com