Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1812CS6 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1812CS6
Description  3mA, 100MHz, 750V/ms Operational Amplifier with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1812CS6 Datasheet(HTML) 4 Page - Linear Technology

  LT1812CS6 Datasheet HTML 1Page - Linear Technology LT1812CS6 Datasheet HTML 2Page - Linear Technology LT1812CS6 Datasheet HTML 3Page - Linear Technology LT1812CS6 Datasheet HTML 4Page - Linear Technology LT1812CS6 Datasheet HTML 5Page - Linear Technology LT1812CS6 Datasheet HTML 6Page - Linear Technology LT1812CS6 Datasheet HTML 7Page - Linear Technology LT1812CS6 Datasheet HTML 8Page - Linear Technology LT1812CS6 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1812
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ROUT
Output Resistance
AV = 1, f = 1MHz
0.45
Ω
ISHDN
SHDN Pin Current
SHDN > V – + 2.0V (On) (Note 11)
0
±1
µA
SHDN < V – + 0.4V (Off) (Note 11)
– 50
– 20
µA
IS
Supply Current
SHDN > V – + 2.0V (On) (Note 11)
2.7
3.6
mA
SHDN < V – + 0.4V (Off) (Note 11)
20
50
µA
TA = 25°C, VS = 5V, VCM = 2.5V, RL to 2.5V unless otherwise noted (Note 10).
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 4)
2
mV
∆VOS/∆T
Input Offset Voltage Drift
(Note 7)
10
15
µV/°C
IOS
Input Offset Current
500
nA
IB
Input Bias Current
±5
µA
VCM
Input Voltage Range (Positive)
3.5
V
Input Voltage Range (Negative)
– 3.5
V
CMRR
Common Mode Rejection Ratio
VCM = ±3.5V
73
dB
Minimum Supply Voltage
±2V
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±5.5V
76
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±3V, RL = 500Ω
1.0
V/mV
VOUT = ±3V, RL = 100Ω
0.7
V/mV
VOUT
Maximum Output Swing
RL = 500Ω, 30mV Overdrive
±3.70
V
RL = 100Ω, 30mV Overdrive
±3.25
V
IOUT
Maximum Output Current
VOUT = ±3V, 30mV Overdrive
±35
mA
ISC
Output Short-Circuit Current
VOUT = 0V, 1V Overdrive (Note 3)
±60
mA
SR
Slew Rate
AV = – 1 (Note 5)
400
V/
µs
GBW
Gain Bandwidth Product
f = 200kHz
65
MHz
ISHDN
SHDN Pin Current
SHDN > V – + 2.0V (On) (Note 11)
±1.5
µA
SHDN < V – + 0.4V (Off) (Note 11)
–150
µA
IS
Supply Current
SHDN > V – + 2.0V (On) (Note 11)
4.6
mA
SHDN < V – + 0.4V (Off) (Note 11)
150
µA
0
°C ≤ TA ≤ 70°C, VS = ±5V, VCM = 0V unless otherwise noted (Note 10).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com