Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP108 Datasheet(PDF) 1 Page - Altech corporation

Part # LP108
Description  30 mm Legend Plates LPxxx (xxx= Title)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

LP108 Datasheet(HTML) 1 Page - Altech corporation

  LP108 Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R
This Drawing is the property of
35 Royal Road
Flemington, NJ 08822-6000
(908) 806-9400
Fax (908) 806-9490
and is a confidential
disclosurelent without
consideration other than the
borrower’s agreement that it
shall not be reproduced,
copied, lent or disposed of
directly or indirectly nor
used for any purpose other
than that for which it is
specifically furnished.
unless otherwise specified:
all dimensions are in millimeters
third angle projection
M
E
T
R
I
C
tolerance
XX
XX.X
XX.XX
ALL
±1 mm
±0.5 mm
±0.2 mm
− mm
=
=
=
=
titel
drawn by:
checked by:
released by:
drawing no.:
rev.:
scale:
sheet:
of:
Laszlo Gyorgypal
11/21/2007
11/21/2007
Philipp Ernstberger
11/21/2007
30 mm Legend Plates LPxxx (xxx= Title)
1PB-LPxxx
-
-
1
1
Laszlo Gyorgypal
revision for dwg # 1PB-LPxxx
rev
-
ch.no.
-
description
original design
date
revised by
11/21/2007
Philipp E.
n60.00 mm
[2.4 in]
n30.00 mm
[1.2 in]
n30.50 mm
[1.2 in]
1.00 mm
[.0 in]
1.50 mm
[.1 in]
Shown Example: LP41
Shown Example: LP01


Similar Part No. - LP108

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP108 ETC1-LP108 Datasheet
41Kb / 2P
25/30 WATT Low Profile
logo
First Components Intern...
LP1083 FCI-LP1083 Datasheet
962Kb / 13P
LOW DROPOUT POSITVITE ADJUSTABLE REGULATOR
LP1083CM FCI-LP1083CM Datasheet
962Kb / 13P
LOW DROPOUT POSITVITE ADJUSTABLE REGULATOR
LP1083CZ FCI-LP1083CZ Datasheet
962Kb / 13P
LOW DROPOUT POSITVITE ADJUSTABLE REGULATOR
LP1083IZ FCI-LP1083IZ Datasheet
962Kb / 13P
LOW DROPOUT POSITVITE ADJUSTABLE REGULATOR
More results

Similar Description - LP108

ManufacturerPart #DatasheetDescription
logo
Altech corporation
2LPXXX ALTECH-2LPXXX Datasheet
279Kb / 1P
22 mm Legend Plates
logo
Schneider Electric
ZBY21CUST02 SCHNEIDER-ZBY21CUST02 Datasheet
69Kb / 1P
legend holder 30 x 40 mm with legend
Nov 18, 2021
ZBY2H101 SCHNEIDER-ZBY2H101 Datasheet
117Kb / 2P
legend holder 30 x 40 mm with legend 8 x 27 mm unmarked
Nov 18, 2021
ZBY4H101 SCHNEIDER-ZBY4H101 Datasheet
118Kb / 2P
legend holder 30 x 40 mm with legend 8 x 27 mm unmarked
Nov 18, 2021
ZBY61CUST01 SCHNEIDER-ZBY61CUST01 Datasheet
67Kb / 1P
legend holder 30 x 50 mm with legend
Nov 18, 2021
ZBY6H101 SCHNEIDER-ZBY6H101 Datasheet
114Kb / 2P
legend holder 30 x 50 mm with legend 18 x 27 mm unmarked
Nov 18, 2021
ZBY6H102 SCHNEIDER-ZBY6H102 Datasheet
110Kb / 2P
legend holder 30 x 50 mm with legend 18 x 27 mm unmarked
Nov 18, 2021
ZBZ34 SCHNEIDER-ZBZ34 Datasheet
122Kb / 2P
legend holder 30 x 40 mm with legend 8 x 27 mm unmarked
Nov 22, 2021
ZB2BY2931 SCHNEIDER-ZB2BY2931 Datasheet
72Kb / 2P
legend - 30 x 40 mm - red - 0
Mar 23, 2022
ZB2BY4932 SCHNEIDER-ZB2BY4932 Datasheet
99Kb / 2P
legend - 30 x 40 mm - white - klaxon
Mar 23, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com