Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSS Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # JSS
Description  Silicon Switching Diode Array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

JSS Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  JSS Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd JSS Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Unit: mm
Silicon Switching Diode Array
BAW100
Features
For high-speed switching
Electrically insulated diodes
A b s o lu t e M a x im u m R at ings T a = 2 5
P a r a m e t e r
S y m bol
V a lu e
U nit
R e v e r s e v olt age
V R
75
V
P eak r e v e r s e v olt a ge
V RM
85
V
F o r w ar d c ur r ent
I F
200
m A
S u rg e f o r w a rd c u rre n t , t = 1
s
I FS
4. 5
A
T o t a l pow er dis s ipat io n, T S =3 1
P to t
330
m W
J unc t ion t e m per at ur e
T j
150
S t or age t e m per at ur e r ange
T stg
- 6 5t o+ 1 5 0
J unc t ion - a m b ient
1)
R th J A
500
K/ W
J unc t ion - s older in g point
R th J S
360
K/ W
No t e
1. P a c k age m ount ed on epox y p c b 40 m m
40 m m
1 . 5 mm/ 6 c m
2 Cu


Similar Part No. - JSS

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JSS JBCAPACITORS-JSS Datasheet
117Kb / 2P
For industrial equipment control etc
logo
Jauch Quartz Gmbh
JSS53 JAUCH-JSS53 Datasheet
181Kb / 2P
SMD Spread Spectrum Crystal Oscillator
logo
Vishay Siliconix
JSST108 VISHAY-JSST108 Datasheet
73Kb / 6P
N-Channel JFETs
04-Jun-01
JSST111 VISHAY-JSST111 Datasheet
58Kb / 6P
N-Channel JFETs
04-Jun-01
JSST112 VISHAY-JSST112 Datasheet
58Kb / 6P
N-Channel JFETs
04-Jun-01
More results

Similar Description - JSS

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SMBD2835 SIEMENS-SMBD2835 Datasheet
100Kb / 4P
Silicon Switching Diode Array
SMBD2837 SIEMENS-SMBD2837 Datasheet
100Kb / 4P
Silicon Switching Diode Array
SMBD6100 SIEMENS-SMBD6100 Datasheet
99Kb / 4P
Silicon Switching Diode Array
SMBD7000 SIEMENS-SMBD7000 Datasheet
99Kb / 4P
Silicon Switching Diode Array
logo
Infineon Technologies A...
BAV74 INFINEON-BAV74 Datasheet
39Kb / 4P
Silicon Switching Diode Array
Jul-31-2001
BGX50A INFINEON-BGX50A Datasheet
39Kb / 4P
Silicon Switching Diode Array
Jul-31-2001
SMBD7000 INFINEON-SMBD7000 Datasheet
444Kb / 4P
Silicon Switching Diode Array
Mar-10-2004
logo
Guangdong Kexin Industr...
BAW101 KEXIN-BAW101 Datasheet
38Kb / 2P
Silicon Switching Diode Array
BAS28W KEXIN-BAS28W Datasheet
40Kb / 2P
Silicon Switching Diode Array
logo
Infineon Technologies A...
BGX50A INFINEON-BGX50A_07 Datasheet
69Kb / 6P
Silicon Switching Diode Array
2007-03-27
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com