Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1813CS8 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1813CS8
Description  Dual/Quad 3mA, 100MHz, 750V/짰 Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1813CS8 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1813CS8 Datasheet HTML 8Page - Linear Technology LT1813CS8 Datasheet HTML 9Page - Linear Technology LT1813CS8 Datasheet HTML 10Page - Linear Technology LT1813CS8 Datasheet HTML 11Page - Linear Technology LT1813CS8 Datasheet HTML 12Page - Linear Technology LT1813CS8 Datasheet HTML 13Page - Linear Technology LT1813CS8 Datasheet HTML 14Page - Linear Technology LT1813CS8 Datasheet HTML 15Page - Linear Technology LT1813CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1813/LT1814
18134fa
TYPICAL APPLICATIO
FREQUENCY (MHz)
0.1
–50
–40
–30
–20
–10
1
10
100
1813/14 TA02
–60
–70
–80
–90
0
10
VS = ±5V
VIN = 600mVP-P
PEAKING < 0.12dB
4MHz, 4th Order Butterworth Filter
Filter Frequency Response
Gain of 20 Composite Amplifier Drives Differential Load with Low Distortion
1/2 LT1813
220pF
VIN
665
Ω
232
Ω
47pF
232
Ω
1/2 LT1813
470pF
1813/14 TA01
VOUT
562
Ω
274
Ω
22pF
274
Ω
1814 TA03
68pF
68pF
LOAD
800
Ω
499
Ω
499
Ω
499
Ω
499
Ω
1k
9k
1k
10k
VIN
GAIN = 20
–3dB BANDWIDTH = 10MHz
DISTORTION = –77dB AT 2MHz,
RL = 1k
1/4 LT1814
1/4 LT1814
1/4 LT1814
1/4 LT1814



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com