Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1814IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LT1814IGN
Description  Dual/Quad 3mA, 100MHz, 750V/짰 Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1814IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1814IGN Datasheet HTML 8Page - Linear Technology LT1814IGN Datasheet HTML 9Page - Linear Technology LT1814IGN Datasheet HTML 10Page - Linear Technology LT1814IGN Datasheet HTML 11Page - Linear Technology LT1814IGN Datasheet HTML 12Page - Linear Technology LT1814IGN Datasheet HTML 13Page - Linear Technology LT1814IGN Datasheet HTML 14Page - Linear Technology LT1814IGN Datasheet HTML 15Page - Linear Technology LT1814IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1813/LT1814
18134fa
APPLICATIO S I FOR ATIO
Complementary followers form an output stage that buff-
ers the gain node from the load. The input resistor, input
stage transconductance, and the capacitor on the high
impedance node determine the bandwidth. The slew rate
is determined by the current available to charge the gain
node capacitance. This current is the differential input
voltage divided by R1, so the slew rate is proportional to
the input step. Highest slew rates are therefore seen in the
lowest gain configurations.
The RC network across the output stage is bootstrapped
when the amplifier is driving a light or moderate load and
has no effect under normal operation. When a heavy load
(capacitive or resistive) is driven, the network is incom-
pletely bootstrapped and adds to the compensation at the
high impedance node. The added capacitance moves the
unity-gain frequency away from the pole formed by the
output impedance and the capacitive load. The zero cre-
ated by the RC combination adds phase to ensure that the
total phase lag does not exceed 180
° (zero phase margin),
and the amplifier remains stable. In this way, the LT1813/
LT1814 are stable with up to 1000pF capacitive loads in
unity gain, and even higher capacitive loads in higher
closed-loop gain configurations.
Power dissipation is composed of two parts. The first is
due to the quiescent supply current and the second is due
to on-chip dissipation caused by the load current. The
worst-case load induced power occurs when the output
voltage is at 1/2 of either supply voltage (or the maximum
swing if less than 1/2 the supply voltage). Therefore PDMAX
is:
PDMAX = (V+ – V–) • (ISMAX) + (V+/2)2/RL or
PDMAX = (V+ – V–) • (ISMAX) + (V+ – VOMAX) • (VOMAX/RL)
Example: LT1814S at 70
°C, VS = ±5V, RL=100Ω
PDMAX = (10V) • (4.5mA) + (2.5V)2/100Ω = 108mW
TJMAX = 70°C + (4 • 108mW) • (100°C/W) = 113°C
Circuit Operation
The LT1813/LT1814 circuit topology is a true voltage
feedback amplifier that has the slewing behavior of a
current feedback amplifier. The operation of the circuit can
be understood by referring to the Simplified Schematic.
Complementary NPN and PNP emitter followers buffer the
inputs and drive an internal resistor. The input voltage
appears across the resistor, generating current that is
mirrored into the high impedance node.
SI PLIFIED SCHE ATIC (one amplifier)
1814 SS
OUT
+IN
–IN
V+
V–
R1
CC
RC
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com