Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BST40 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BST40
Description  NPN High-Voltage Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BST40 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BST40 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BST40 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
unless otherwise specified.
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
collector cut-off current
ICBO
IE =0; VCB = 300 V
20
nA
emitter cut-off current
IEBO
IC =0; VEB = 5 V
100
nA
DC current gain
hFE
IC =20mA; VCE =10V
40
collector-emitter saturation voltage
VCEsat
IC =50mA; IB = 4 mA
500
mV
collector capacitance
Cc
IE =ie =0; VCB =10V; f = 1MHz
2
pF
transition frequency
fT
IC =10mA; VCE = 10 V;f= 100 MHz
70
MHz
Marking
Type Number
BST39
BST40
Marking
AT1
AT2
BST39; BST40



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com