Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT854SW Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAT854SW
Description  Schottky barrier (double) diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAT854SW Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAT854SW Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Schottky barrier (double) diodes
BAT854W;BAT854AW
BAT854CW;BAT854SW
Features
Very low forward voltage
Very low reverse current
Guard ring protected
Very small SMD package.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Conditions
Min
Max
Unit
Continuous reverse voltage
VR
40
V
Continuous forward current
IF
200
mA
Repetitive peak forward current
IFRM
tp
1s; d
0.5
300
mA
Non-repetitive peak forward current
IFSM
t = 8.3 ms half sinewave;JEDEC method
1
A
Storage temperature
Tstg
-65
+150
Junction temperature
Tj
150
Operating ambient temperature
Tamb
-65
+150
Thermal resistance from junction to ambient
Rth j-a
625
K/W
Electrical Characteristics Ta = 25
Parameter
Symbol
Conditions
Typ
Max
Unit
IF = 0.1 mA
200
IF = 1 mA
260
IF = 10 mA
340
IF = 30 mA
420
IF = 100 mA
550
Continuous reverse current
IR
VR = 25 V; Note 1
0.5
A
Diode capacitance
Cd
f=1MHz;VR =1V
20
pF
Note
1. Pulse test: tp
300
s; ä
0.02.
mV
VF
Forward voltage
Marking
Type
BTA854W
BAT854AW
BAT854CW
BAT854SW
Marking
81828384


Similar Part No. - BAT854SW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT854SW PHILIPS-BAT854SW Datasheet
56Kb / 8P
Schottky barrier (double) diodes
2001 Feb 27
BAT854SW NXP-BAT854SW Datasheet
218Kb / 7P
Schottky barrier (double) diodes
2001 Feb 27
logo
Nexperia B.V. All right...
BAT854SW NEXPERIA-BAT854SW Datasheet
189Kb / 8P
40 V, 200 mA Schottky barrier dual diode
4 January 2023
BAT854SW-Q NEXPERIA-BAT854SW-Q Datasheet
188Kb / 8P
40 V, 200 mA Schottky barrier dual diode
4 January 2023
More results

Similar Description - BAT854SW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS40W PHILIPS-BAS40W Datasheet
52Kb / 8P
Schottky barrier double diodes
1999 Apr 26
BAT140 PHILIPS-BAT140 Datasheet
71Kb / 8P
Schottky barrier double diodes
1997 Oct 03
BAT160 PHILIPS-BAT160 Datasheet
52Kb / 8P
Schottky barrier double diodes
1999 Sep 20
BAT54 PHILIPS-BAT54 Datasheet
48Kb / 8P
Schottky barrier double diodes
2002 Mar 04
BAT721 PHILIPS-BAT721 Datasheet
48Kb / 8P
Schottky barrier double diodes
1999 May 06
BAT754 PHILIPS-BAT754 Datasheet
47Kb / 8P
Schottky barrier double diodes
1999 Aug 05
BAT854W PHILIPS-BAT854W Datasheet
56Kb / 8P
Schottky barrier (double) diodes
2001 Feb 27
BAT120 PHILIPS-BAT120_03 Datasheet
57Kb / 7P
Schottky barrier double diodes
2003 Aug 04
BAT754 NXP-BAT754 Datasheet
204Kb / 7P
Schottky barrier (double) diodes
2003 Mar 25
BAT160 PHILIPS-BAT160_15 Datasheet
192Kb / 7P
Schottky barrier double diodes
1999 Sep 20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com