Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS125-05 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAS125-05
Description  Silicon Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAS125-05 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BAS125-05 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAS125-05 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Diodes
2
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
VR =20V
1
VR =25V
10
IF = 1 mA
385
410
IF = 10 mA
530
IF = 35 mA
800
900
Diode capacitance
CT
VR =0, f=10kHz
1.1
pF
Differential forward resistance
RF
IF =5mA, f=10kHz
15
IR
VF
Reverse voltage
Forward voltage
A
mV
Silicon Schottky Diodes
BAS125 series
Marking
Type
BAS125
BAS125-04
BAS125-05
BAS125-06
Marking
13141516



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com