Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1412-Z Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1412-Z
Description  PNP Silicon Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1412-Z Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1412-Z Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1412-Z Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector Cutoff Current
ICBO
VCB=-400V,IE=0
-10
ìA
Emitter Cutoff Current
IEBO
VEB=-5V,IC=0
-10
ìA
VCE=-5V,IC=-0.1A
40
60
120
VCE=-5V,IC=-1.0A
10
22
Collector Saturation Voltage *
VCE(sat)
IC=-0.5A,IB=-0.1A
-0.25
-0.5
V
Base Saturation Voltage *
VBE(sat)
IC=-0.5mA,IB=-0.1mA
-0.85
-1.2
V
Gain Bandwidth Product
fT
VCE=-10V,IE=-100mA
40
MHz
Output Capacitance
Cob
VCB=-10V,IE=0,f=1.0MHz
30
pF
Turn-on Time
ton
IC=-1A,RL=150Ù
0.03
0.5
Storage Time
tstg
IB1=-IB2=-0.2A,VCC=-150V
1.4
2
Fall time
tf
0.1
0.7
*PW
350ìs,Duty Cycle
2%
DC Current Gain*
hFE
ìs
hFE Classification
Marking
L
K
hFE
40to80
60to120
2SA1412-Z



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com