Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCX458 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FCX458
Description  NPN Silicon Planar High Voltage Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FCX458 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FCX458 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FCX458 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Max
Unit
Breakdown Voltages
V(BR)CBO
IC=100ìA
400
V
Breakdown Voltages
VCEO(sus)
IC=10mA*
400
V
Breakdown Voltages
V(BR)EBO
IE=100ìA
5
V
Collector Cut-Off Currents
ICBO
VCB=320V
100
nA
Collector Cut-Off Currents
ICES
VCE=320V
100
nA
Emitter Cut-Off Current
IEBO
VEB=4V
100
nA
IC=20mA, IB=2mA*
0.2
V
IC=50mA, IB=6mA*
0.5
V
VBE(sat)
IC=50mA, IB=5mA*
0.9
V
Base-Emitter Turn On Voltage
VBE(on)
IC=50mA, VCE=10V*
0.9
V
IC=1mA, VCE=10V
100
IC=50mA, VCE=10V*
100
300
IC=100mA, VCE=10V*
15
Transition Frequency
fT
IC=10mA, VCE=20V,f=20MHz
50
MHz
Collector-Base Breakdown Voltage
Cobo
VCB=20V, f=1MHz
5
pF
ton
IC=50mA, VCC=100V
ns
toff
IB1=5mA, IB2=-10mA
ns
* Measured under pulsed conditions. Pulse width=300ìs. Duty cycle
2%
135 Typical
2260 Typical
Emitter Saturation Voltages
VCE(sat)
Switching times
hFE
Static Forward Current Transfer Ratio
Marking
Marking
N58
FCX458



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com