Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS140WS Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAS140WS
Description  SILICON SWICHING DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAS140WS Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAS140WS Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Unit: mm
SOD-323
1.7+0.1
-0.1
2.6+0.1
-0.1
0.475
0.375
0.85+0.05
-0.05
1.0max
SILICON SWICHING DIODE
BAS140WS
Features
General purpose diodes for high-speed switching
Circuit protection
Voltage clamping
High-level detecting and mixing
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Value
Unit
Reverse voltage
VR
40
V
Forward current
IF
120
mA
Surge forward current
t
1.0
s
IFSM
200
mA
Total power dissipation
Ts
113
Ptot
250
mW
Operating temperature range
Top
-55 to+125
Storage Temperature range
Tstg
-65 to+150
Junction ambient
(1)
RthJA
260
K/W
Junction- soldering point
RthJS
150
K/W
Note:
1.Package mounted on an epoxy pcb 40 mm
40 mm
15 mm/1cm
2 Cu.
Electrical Characteristics T a = 25
Param eter
Sym bol
Min
Typ
Max
Unit
Breakdown voltage
I(BR) =10
A
V(BR)
40
V
Forward voltage
IF =1 m A
250
310
380
IF =10 m A
350
450
500
IF =15 m A
600
720
1000
Reverse current
VR =30 V
1
VR =40 V
10
Diode capacitance
VR = 0;f= 1 MHz
CT
35
pF
Differential forward resistance
IF = 10 m A,f= 10 KHz
RF
10
Series inductance
Ls
2
nH
mV
VF
IR
A
Marking
Marking
4


Similar Part No. - BAS140WS

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAS140W SIEMENS-BAS140W Datasheet
142Kb / 4P
Silicon Schottky Diode (General purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
logo
Infineon Technologies A...
BAS140W INFINEON-BAS140W Datasheet
506Kb / 8P
Silicon Schottky Diode
Jan-16-200
BAS140W INFINEON-BAS140W Datasheet
170Kb / 15P
Silicon Schottky Diode
2007-04-19
BAS140W INFINEON-BAS140W Datasheet
990Kb / 15P
General-purpose diode for high-speed switching
2013-01-11
More results

Similar Description - BAS140WS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCX42 INFINEON-BCX42 Datasheet
50Kb / 5P
PNP Silicon AF an Swiching Transistors
Jul-10-2001
logo
Isahaya Electronics Cor...
MC981 ISAHAYA-MC981 Datasheet
84Kb / 3P
DIODE FOR HIGH SPEED SWICHING APPLICATION SILICON EPITAXIAL TYPE
MC971 ISAHAYA-MC971 Datasheet
79Kb / 3P
DIODE FOR HIGH SPEED SWICHING APPLICATION SILICON EPITAXIAL TYPE
MC961 ISAHAYA-MC961 Datasheet
81Kb / 3P
DIODE FOR HIGH SPEED SWICHING APPLICATION SILICON EPITAXIAL TYPE
logo
Guangdong Kexin Industr...
BCX42 KEXIN-BCX42 Datasheet
40Kb / 2P
PNP Silicon AF an Swiching Transistors
2PB709A KEXIN-2PB709A Datasheet
40Kb / 2P
SILICON SWICHING DIODE
BAS16-03W KEXIN-BAS16-03W Datasheet
36Kb / 2P
SILICON SWICHING DIODE
logo
SeCoS Halbleitertechnol...
SCS355T SECOS-SCS355T Datasheet
467Kb / 2P
SurfaceMount Swiching Diode
logo
SHENZHEN YONGERJIA INDU...
1SS133 WINNERJOIN-1SS133 Datasheet
125Kb / 3P
High-speed swiching diode
logo
Inchange Semiconductor ...
1SS355 ISC-1SS355 Datasheet
265Kb / 2P
Swiching Diode
2023-9-7
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com