Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4027 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4027
Description  NPN Epitaxial Planar Silicon Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4027 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4027 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC4027 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
collector cutoff current
ICBO
VCB=120V,IE=0
1.0
ìA
emitter cutoff current
IEBO
VEB=4V,IC=0
1.0
ìA
VCE=5V,IC=100mA
100
400
VCE=5V,IC=10mA
80
Gain-Bandwidth Product
fT
VCE=10V,IC=50mA
120
MHz
Output Capacitance
cob
VCB=10V,f=1MHz
12
pF
C-E Saturation Voltage
VCE(sat)
IC=50mA,IB=50mA
0.13
0.45
V
B-E Saturation Voltage
VBE(sat)
IC=50mA,IB=50mA
0.85
1.2
V
C-B Breakdown Voltage
V(BR)CBO
IC=10ìA,IE=0
180
V
C-E Breakdown Voltage
V(BR)CEO
IC=1mA,RBE=
160
V
E-B Breakdown Voltage
V(BR)EBO
IE=10ìA,IC=0
6
V
Turn-ON Time
ton
60
ìs
Storage Time
tstg
1.2
ìs
Turn-OFF Time
toff
80
ìs
see specified Test Circuit
DC current Gain
hFE
2SC4027
Switching Time Test Cirouit
hFE Classification
Marking
R
S
T
hFE
100 to 120
140 to 280
200 to 400



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com