Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4616 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4616
Description  Silicon NPN Triple Diffused Type Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4616 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4616 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC4616 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cut-off Current
ICBO
VCB=300V,IE=0
1
ìA
Emitter Cut-off Current
IEBO
VEB=4V,IC=0
1
ìA
DC Current Gain
hFE
VCE=10V,IC=100mA
40
200
Gain-Bandwidth product
fT
VCE=10V,IC=100mA
60
MHz
C-E Saturation Voltage
VCE(sat)
IC=500mA,IB=50mA
1
V
B-E Saturation Voltage
VBE(sat)
IC=500mA,IB=50mA
1
V
C-B Breakdown Voltage
V(BR)CBO
IC=10ìA,IE=0
400
V
C-E Breakdown Voltage
V(BR)CEO
IC=1mA,RBE=
400
V
E-B Breakdown Voltage
V(BR)EBO
IE=10ìA,IC=0
5
V
Output capacitance
cob
VCB=30V,f=1MHz
15
pF
Turn-ON Time
ton
0.085
Storage Time
tstg
4
Fall Time
tr
0.6
ìs
2SC4616
hFE Classification
TYPE
C
D
E
hFE
40 to 80
60 to 120
100 to 200



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com