Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1413 Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC1413
Description  3A HIGH-SPEED MOSFET DRIVERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1413 Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC1413 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1413 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1413 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1413 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1413 Datasheet HTML 5Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
4-203
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
+5V
INPUT
10%
90%
10%
90%
10%
90%
VDD
OUTPUT
tD1
0V
90%
10%
10%
10%
tF
90%
+5V
INPUT
VDD
OUTPUT
0V
90%
OUTPUT
INPUT
0.1µF
CL = 1800pF
4.7µF
VDD= 16V
Inverting Driver
TC1413
4,5
1,8
6,7
Noninverting Driver
TC1413N
tF
tD2
tR
tR
tD1
tD2
INPUT: 100kHz, square wave,
tRISE = tFALL ≤ 10nsec
2
0V
0V
TC1413
TC1413N
Figure 1. Switching Time Test Circuit
200
0
400
600
800
1000
1200
1400
1600
0
10
20
30
40
50
60
70
80
90
100
110
120
AMBIENT TEMPERATURE (
°C)
8 Pin DIP
Thermal Derating Curves
8 Pin CerDIP
8 Pin SOIC
3A HIGH SPEED MOSFET DRIVERS
TC1413
TC1413N



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com