Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3099 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3099
Description  Silicon NPN Epitaxial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3099 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3099 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Silicon NPN Epitaxial
2SC3099
Features
Low Noise Figure
NF=1.7dB,|S21e|
2=15dB(f=500MHz)
NF=2.5dB,|S21e|
2=9.5dB(f=1GHz)
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
20
V
Collector-emitter voltage
VCEO
20
V
Emitter-base voltage
VEBO
3V
Collector current
IC
30
mA
Base current
IB
15
mA
Collector power dissipation
PC
150
mW
Junction temperature
Tj
125
Storage temperature
Tstg
-55to+125
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cut-off current
ICBO
VCB =10V, IE =0
0.1
ìA
Emitter cut-off current
IEBO
VEB =1V, IC =0
1.0
ìA
DC current gain
hFE
VCE =10V, IC = 5 mA
30
250
Output Capacitance
Cob
0.9
pF
Reverse Transfer Capacitance
Cre
0.6
pF
Transition Frequency
fT
VCE =10V, IC =10mA
4.0
GHZ
|S21e|2(1) VCE =10V, IC = 10mA,f=500MHz
15.0
dB
|S21e|2(2) VCE =10V, IC = 10 mA,f=1GHz
9.5
dB
NF(1)
VCB=10V, IC=3 mA, f=500MHz
1.7
dB
NF(2)
VCB=10V, IC=3 mA, f=1GHz
2.5
dB
Insertion Gain
Noise Figure
VCB =10V, IE =0, f =1MHz
Marking
Marking
MC


Similar Part No. - 2SC3099

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3099 TOSHIBA-2SC3099 Datasheet
208Kb / 3P
TRANSISTOR (VHF ~ UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
More results

Similar Description - 2SC3099

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC1890A RENESAS-2SC1890A Datasheet
172Kb / 6P
Silicon NPN Epitaxial
2SC2853 RENESAS-2SC2853 Datasheet
169Kb / 7P
Silicon NPN Epitaxial
2SC4196 RENESAS-2SC4196 Datasheet
203Kb / 8P
Silicon NPN Epitaxial
2SC4197 RENESAS-2SC4197 Datasheet
125Kb / 10P
Silicon NPN Epitaxial
2SC4784 RENESAS-2SC4784 Datasheet
220Kb / 9P
Silicon NPN Epitaxial
2SC4901 RENESAS-2SC4901 Datasheet
86Kb / 8P
Silicon NPN Epitaxial
2SC4995 RENESAS-2SC4995 Datasheet
254Kb / 10P
Silicon NPN Epitaxial
2SD667 RENESAS-2SD667 Datasheet
159Kb / 6P
Silicon NPN Epitaxial
2SD1418 RENESAS-2SD1418 Datasheet
98Kb / 6P
Silicon NPN Epitaxial
2SC2396 RENESAS-2SC2396 Datasheet
145Kb / 7P
Silicon NPN Epitaxial
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com