Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC38C43 Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC38C43
Description  BiCMOS CURRENT MODE PWM CONTROLLERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC38C43 Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC38C43 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC38C43 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC38C43 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC38C43 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC38C43 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC38C43 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC38C43 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4-94
TELCOM SEMICONDUCTOR, INC.
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage ............................................................ 18V
Maximum Chip Temperature ................................... 150
°C
Storage Temperature ............................ – 65
°C to +150°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
Package Thermal Resistance
CerDip RθJ-A ................................................ 150°C/W
CerDip RθJ-C .................................................. 55°C/W
PDIP RθJ-A ................................................... 125°C/W
PDIP RθJ-C ..................................................... 45°C/W
SOIC RθJ-A ................................................... 250°C/W
SOIC RθJ-C ..................................................... 75°C/W
Operating Temperature
18C4x ...................................... – 55C
° ≤ TA ≤ +125°C
28C4x ........................................ – 40C
° ≤ TA ≤ +85°C
38C4x ............................................. 0C
° ≤ TA ≤ +70°C
ELECTRICAL CHARACTERISTICS unless otherwise stated, these specifications apply over specific
temperature range. VIN = VDD = 15V; RT = 71 kΩ; CT = 150 pF.
TC18C43
TC28C43
TC38C43
Parameter
Test Conditions
Min
Typ
Max
Min
Typ
Max
Units
Reference Section
Output Voltage
TA = 25°C, IO = 1mA
4.9
5
5.1
4.90
5
5.10
V
Line Regulation
9.5V
≤ VIN ≤ 15V, IO = 1mA
—
±3
±10
—
±3
±10
mV
Load Regulation
1mA
≤ lO ≤ 11mA
—
±5
±15
—
±3
±10
mV
Temp Stability
(Note 1)
—
±0.25
±0.5
—
±0.25
±0.5
mV/
°C
Output Noise Voltage
10Hz
≤ f ≤ 10 kHz,TA = 25°C (Note 1)
—
100
—
—
100
—
µV(rms)
Long Term Stability
TA = 125°C, 1000 Hrs. (Note 1)
—
±0.5
—
—
±0.5
—
%
Output Short Circuit
-20
-50
-100
-30
-50
-100
mA
Oscillator Section
Initial Accuracy
TA = 25°C (Note 4)
90
100
110
93.8
100
106.5
kHz
Voltage Stability
9.5V
≤ VIN ≤ 15V
—
±0.2
±0.3
—
±0.2
±0.3
%
Temp Stability
TMIN ≤ TA ≤ TMAX (Note 1); Figure 2
—
±0.01 ±0.05
—
±0.01
±0.03
%/
°C
Clock Ramp Reset
RT/CT Pin at 4V
2.25
2.5
2.75
2.25
2.5
2.75
mA
Amplitude
RT/CT Pin Peak to Peak
2.45
2.65
2.85
2.45
2.65
2.85
V
Maximum Freq
Note 1
1
—
—
1
—
—
MHz
Error Amp Section
Input Offset Voltage
V(CMPTR) = 2.5V
—
±15
±50
—
±15
±50
mV
Input Bias Current
(Note 1)
—
±0.3
±2—
±0.3
±2nA
AVOL
2V
≤ VO ≤ 4V
70
90
—
70
90
—
dB
Gain Bandwidth Product
(Note 1)
650
750
—
650
750
—
kHz
PSRR
9.5V
≤ VIN ≤ 15V
80
100
—
80
100
—
dB
Output Sink Current
VFB = 2.7V, V(CMPTR) = 1.1V (Note 1)
1.2
1.5
—
1.5
1.7
—
mA
Output Source Current
VFB = 2.3V, V(CMPTR) = 5V (Note 1)
3
3.4
—
3.9
4.2
—
mA
VOUT High
VFB = 2.3V, RL = 10k to Ground
5.65
6
6.5
5.65
6
6.5
V
VOUT Low
VFB = 2.7V, RL = 10k to VREF
0.1
0.7
1.1
0.1
0.7
1.1
V
Rise Response
Note 1
—
5
7
—
5
7
µsec
Fall Response
Note 1
—
3
5
—
3
5
µsec
Current Sense Section
Gain Ratio
Notes 2 & 3
2.8
2.9
3.1
2.8
2.9
3.1
V/V
Maximum Input Signal
V(CMPTR) = 5V (Note 2)
0.85
0.95
1.05
0.85
0.95
1.05
V
PSRR
9.5V
≤ VIN ≤ 15V (Notes 1, 2 & 5)
70
80
—
70
80
—
dB
Input Bias Current
Note 1
—
±0.3
±2—
±0.3
±2nA
Delay to Output
V(ISENSE) = 1V (Note 1); Figure 3
—
140
160
—
140
150
nsec
TC18C43
TC28C43
TC38C43
BiCMOS CURRENT MODE
PWM CONTROLLERS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com