Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC14433COG Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part # TC14433COG
Description  3-1/2 DIGIT A/D CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC14433COG Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TC14433COG Datasheet HTML 1Page - TelCom Semiconductor, Inc TC14433COG Datasheet HTML 2Page - TelCom Semiconductor, Inc TC14433COG Datasheet HTML 3Page - TelCom Semiconductor, Inc TC14433COG Datasheet HTML 4Page - TelCom Semiconductor, Inc TC14433COG Datasheet HTML 5Page - TelCom Semiconductor, Inc TC14433COG Datasheet HTML 6Page - TelCom Semiconductor, Inc TC14433COG Datasheet HTML 7Page - TelCom Semiconductor, Inc TC14433COG Datasheet HTML 8Page - TelCom Semiconductor, Inc TC14433COG Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
3-130
TELCOM SEMICONDUCTOR, INC.
3-1/2 DIGIT A/D CONVERTERS
TC14433
TC14433A
PIN DESCRIPTIONS
Pin No.
Pin No.
Pin No.
24-Pin
24-Pin
28-Pin
PDIP/CerDip
SOIC
PLCC
Symbol
Description
11
2
VAG
This is the analog ground; it has a high input impedance — This pin
determines the reference level for the unknown input voltage (VX) and the
reference voltage (VREF).
22
3
VREF
Reference voltage — Full-scale output is equal to the voltage applied to
VREF. Therefore, full-scale voltage of 1.999V requires 2V reference and
199.9 mV full-scale requires a 200 mV reference. VREF functions as system
reset also. When switched to VEE, the system is reset to the beginning of
the conversion cycle.
33
4
VX
The unknown input voltage (VX) is measured as a ratio of the reference
voltage (VREF) in a ratiometric A/D conversion.
44
5
R
1
These pins are for external components used for the integration function in
the dual slope conversion. Typical values are 0.1
µF (mylar) capacitor for C
1.
55
6
R1/C1
R1 = 470 kW (resistor) for 2V full-scale.
66
7
C1
R1 = 27 kW (resistor) for 200 mV full-scale. Clock frequency of 66 kHz gives
250 msec conversion time. See equation below for calculation of integrator
component values.
77
9
CO1
These pins are used for connecting the offset correction capacitor. The
88
10
CO2
recommended value is 0.1
µF.
9
9
11
DU
Display update input pin — When DU is connected to the EOC output every
conversion is displayed. New data will be strobed into the output latches
during the conversion cycle if a positive edge is received on DU prior to the
ramp-down cycle. When this pin is driven from an external source, the
voltage should be referenced to VSS.
10
10
12
CLK1
Clock input pins — The TC14433 has its own oscillator system clock.
Connecting a single resistor between CLK1 and CLK0 sets the clock frequency.
11
11
13
CLK0
A crystal or OC circuit may be inserted in lieu of a resistor for improved
CLK1, the clock input, can be driven from an external clock source,
which need only have standard CMOS output drive. This pin is referenced to
VEE for external clock inputs. A 300 kW resistor yields a clock frequency of
about 66 kHz. (See typical characteristic curves; see Figure 9 for alternate
circuits.)
12
12
14
VEE
Negative power current — Connection pin for the most negative supply. Please
note the current for the output drive circuit is returned through VSS. Typical
supply current is 0.8 mA.
13
13
16
VSS
Negative power supply for output circuitry — This pin sets the low voltage level
for the output pins (BCD, Digit Selects, EOC, OR). When connected to analog
ground, the output voltage is from analog ground to VDD. If connected to VEE,
the output swing is from VEE to VDD. The recommended operating range for
VSS is between the VDD –3 volts and VEE.
14
14
17
EOC
End of conversion output generates a pulse at the end of each conversion
cycle. This generated pulse width is equal to one-half the period of the system
clock.
15
15
18
OR
Overrange pin — Normally this pin is set high. When VX exceeds VREF the OR
pin is low.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com