Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC38C46 Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC38C46
Description  CMOS CURRENT MODE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC38C46 Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC38C46 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC38C46 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC38C46 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC38C46 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC38C46 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC38C46 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC38C46 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC38C46 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC38C46 Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
4-102
TELCOM SEMICONDUCTOR, INC.
ABSOLUTE MAXIMUM RATINGS
Output Current, Source or Sink (Pins 1, 14) .......... 500mA
Analog Inputs (Pins 3, 4, 5, 6, 16) .............. – 0.3V to +VIN
Reference Output Current (Pin 2) ........................ – 30 mA
Sync Output Current (Pin 10) .................................. – 5mA
Error Amplifier Output Current (Pin 7) ..................... – 5mA
Soft Start Sink Current (Pin 1) .................................. 50mA
Oscillator Charging Current (Pin 9) ............................ 5mA
Supply Voltage ............................................................ 18V
Maximum Chip Temperature ................................... 150
°C
Storage Temperature ............................ – 65
°C to +150°C
Lead Temperature (Soldering, 10 sec) ................... 300
°C
Package Thermal Resistance
CerDIP RθJ-A ................................................................. 150°C/W
CerDIP RθJ-C ................................................................... 55°C/W
PDIP RθJ-A ..................................................................... 125°C/W
PDIP RθJ-C ........................................................................ 45°C/W
SOIC RθJ-A ..................................................................... 250°C/W
SOIC RθJ-C ....................................................................... 75°C/W
NOTES:
1. All voltages are with respect to Ground, Pin 12. Currents are positive into,
negative out of the specified terminal.
2. Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields. Stresses
above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those
indicated in the operational sections of the specifications is not implied.
Exposure to Absolute Maximum Rating Conditions for extended periods
may affect device reliability.
PIN CONFIGURATIONS
8
1
14
2
13
3
12
4
11
5
10
6
9
7
VDD
+ CURRENT SENSE
15
16
OUTPUT B
– CURRENT SENSE
VIN
VREF
SHDN
CURRENT LIMIT/
SOFT START
GND
+ ERROR AMP
OUTPUT A
– ERROR AMP
SYNC
COMP
RT
CT
TC18C46MJE
TC28C46EPE
TC38C46CPE
8
1
14
2
13
3
12
4
11
5
10
6
9
7
15
16
TC28C46EOE
TC38C46COE
VDD
+ CURRENT SENSE
OUTPUT B
– CURRENT SENSE
VIN
VREF
SHDN
CURRENT LIMIT/
SOFT START
GND
+ ERROR AMP
OUTPUT A
– ERROR AMP
SYNC
COMP
RT
CT
16-Pin Plastic DIP (Narrow)
16-Pin CerDIP
16-Pin SOIC (Wide)
CMOS CURRENT MODE
PWM CONTROLLERS
TC18C46
TC28C46
TC38C46



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com