Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC945 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC945
Description  2SC945
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC945 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC945 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC945 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
SMD Type
Diodes
SMD Type
Transistors
www.kexin.com.cn
0.4
+0.1
-0.1
2.9
+0.1
-0.1
0.95
+0.1
-0.1
1.9
+0.1
-0.1
1.Base
2.Emitter
3.collector
1
2
3
Unit: mm
SOT-23
0.1
+0.05
-0.01
NPN Silicon Transistor
2SC945
■ Features
● Collector current up to 150mA
● High hFE linearity
■ Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector to base voltage
VCBO
60
V
Collector to emitter voltage
VCEO
50
V
Emitter to base voltage
VEBO
5
V
Collector current (DC)
IC
150
mA
power dissipation
PC
200
mW
Junction temperature
Tj
150
℃
Storage temperature range
Tstg
-55 to +150
℃
■ Electrical Characteristics Ta = 25℃
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=100 μA, IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA , IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100 μA, IC=0
5
V
Collector cutoff current
ICBO
VCB = 60V, IE = 0
0.1
μA
Emitter cutoff current
IEBO
VEB = 5.0 V, IC = 0
0.1
μA
VCE = 6.0V, IC =1.0mA
130
400
VCE = 6.0V, IC =0.1mA
40
Collector saturation voltage
VCE(sat)
IC=100mA,IB=10mA
0.3
V
Base saturation voltage
VBE(sat)
IC=100mA,IB=10mA
1.0
V
Collector to base capacitance
Cob
VCB = 10 V, IE = 0 , f = 1 MHz
3.0
pF
Noise figure
NF
VCE=6V,IC=0.1mA,Rg=10kΩ,f=1kMHZ
4
10
dB
Transition frequency
fT
VCE=6V,IC=10mA,f =30 MHz
150
MHz
DC current gain
hFE


Similar Part No. - 2SC945

ManufacturerPart #DatasheetDescription
logo
NEC
2SC945 NEC-2SC945 Datasheet
281Kb / 3P
NPN Silicon Transistor(AF amplifier and low speed switching)
logo
Micro Electronics
2SC945 MICRO-ELECTRONICS-2SC945 Datasheet
70Kb / 1P
NPN Silicon Planar Epitaxial Transistor
logo
Dc Components
2SC945 DCCOM-2SC945 Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
Unisonic Technologies
2SC945 UTC-2SC945 Datasheet
186Kb / 4P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
logo
Tiger Electronic Co.,Lt...
2SC945 TGS-2SC945 Datasheet
200Kb / 1P
TO-92 Plastic-Encapsulate Transistors (NPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com