Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT617TA Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FMMT617TA
Description  NPN Silicon Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FMMT617TA Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FMMT617TA Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FMMT617TA Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Transistors
www.kexin.com.cn
2
■ Electrical Characteristics Ta = 25℃
Parameter
Symbol
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
V(BR)CBO
IC=100μA
15
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=10mA*
15
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=100μA
5
V
Collector Cut-Off Current
ICBO
VCB=10V
100
nA
Emitter Cut-Off Current
IEBO
VEB=4V
100
nA
Collector Emitter Cut-Off Current
ICES
VCES=10V
100
nA
IC=0.1A, IB=10mA*
8
14
mV
IC=1A, IB=10mA*
70
100
mV
IC=3A, IB=50mA*
150
200
mV
Base-Emitter Saturation Voltage
VBE(sat)
IC=3A, IB=50mA*
0.9
1.0
V
Base-Emitter Turn-On Voltage
VBE(om)
IC=3A, VCE=2V*
0.84
1.0
V
IC=10mA, VCE=2V*
200
415
IC=200mA, VCE=2V*
300
450
IC=3A, VCE=2V*
200
320
IC=5A, VCE=2V*
150
240
IC=12A, VCE =2V*
80
Transition Frequency
fT
IC=50mA, VCE=10V,f=50MHz
80
120
MHZ
Output Capacitance
Cobo
VCB=10V, f=1MHz
30
40
pF
Turn-On Time
t(on)
VCC=10V, IC=3A
120
ns
Turn-Off Time
t(off)
IB1=IB2=50mA
160
ns
*Measured under pulsed conditions. Pulse width=300μs. Duty cycle ≤ 2%
Collector-Emitter Saturation Voltage
VCE(sat)
Static Forward Current Transfer Ratio
hFE
FMMT617TA
Test conditions



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com