Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC429EPA Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part # TC429EPA
Description  6A SINGLE HIGH-SPEED, CMOS POWER MOSFET DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC429EPA Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC429EPA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC429EPA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC429EPA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC429EPA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC429EPA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC429EPA Datasheet HTML 6Page - TelCom Semiconductor, Inc TC429EPA Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
4-179
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
Table 1. Maximum Operating Frequencies
VS
fMax
18V
500 kHz
15V
700 kHz
10V
1.3 MHz
5V
>2 MHz
CONDITIONS: 1. CerDIP Package (
θJA = 150°C/W)
2. TA = +25°C
3. CL = 2500 pF
Three components make up total package power dissi-
pation:
(1) Capacitive load dissipation (PC)
(2) Quiescent power (PQ)
(3) Transition power (PT)
The capacitive load-caused dissipation is a direct func-
tion of frequency, capacitive load, and supply voltage. The
package power dissipation is:
PC = f C VS
2,
where: f = Switching frequency
C = Capacitive load
VS = Supply voltage.
Quiescent power dissipation depends on input signal
duty cycle. A logic low input results in a low-power dissipa-
tion mode with only 0.5 mA total current drain. Logic high
signals raise the current to 5 mA maximum. The quiescent
power dissipation is:
PQ = VS (D (IH) + (1–D) IL),
where: IH = Quiescent current with input high (5 mA max)
IL = Quiescent current with input low (0.5 mA max)
D = Duty cycle.
Transition power dissipation arises because the output
stage N- and P-channel MOS transistors are ON simulta-
neously for a very short period when the output changes.
The transition package power dissipation is approximately:
PT = f VS (3.3 x 10
–9 A · Sec).
An example shows the relative magnitude for each item.
Example 1:
C = 2500 pF
VS = 15V
D = 50%
f
= 200 kHz
PD = Package power dissipation = PC + PT + PQ
= 113 mW + 10 mW + 41 mW
= 164 mW.
Maximum operating temperature = TJ – θJA (PD)
= 125
°C,
where: TJ = Maximum allowable junction temperature
(+150
°C)
θJA = Junction-to-ambient thermal resistance
(150
°C/W, CerDIP).
NOTE:
Ambient operating temperature should not exceed +85
°C for
IJA devices or +125
°C for MJA devices.
Peak Output Current Capability
POWER-ON OSCILLATION
It is extremely important that all MOSFET DRIVER
applications be evaluated for the possibility of having
HIGH-POWER OSCILLATIONS occurring during the
POWER-ON cycle.
POWER-ON OSCILLATIONS are due to trace size and
layout as well as component placement. A ‘quick fix’ for most
applications which exhibit POWER-ON OSCILLATION prob-
lems is to place approximately 10 k
Ω in series with the input
of the MOSFET driver.
200
0
400
600
800
1000
1200
1400
1600
0
10
20
30
40
50
60
70
80
90
100
110
120
AMBIENT TEMPERATURE (
°C)
8 Pin DIP
Thermal Derating Curves
8 Pin CerDIP
8 Pin SOIC
TC429
6A SINGLE HIGH-SPEED,
CMOS POWER MOSFET DRIVER



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com