Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAS21 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KAS21
Description  Surface Mount Switching Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KAS21 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KAS21 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Diodes
1
www.kexin.com.cn
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Surface Mount Switching Diodes
KAS21,A,C,S
(BAS21,A,C,S)
Features
Fast Switching Speed
Surface Mount Package Ideally Suited for Automatic Insertion
High Conductance
For General Purpose Switching Applications
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
250
V
Forward Current
IF
200
mA
Power Dissipation
PD
200
mW
Operating Junction Temperature Range
TJ
-55to+150
Storage Temperature Range
Tstg
-55to+150
Marking
NO.
KAS21
KAS21A
KAS21C
KAS21S
Marking
JS
JS2
JS3
JS4
KAS21
KAS21A
KAS21C
KAS21S
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Reverse Breakdown Voltage
V(BR)
IR=100
A
250
V
IF=100mA
1.0
IF=200mA
1.25
Reverse Leakage
IR
VR=200V
1.0
A
Junction Capacitance
Cj
VR=0V, f=1.0MHz
5.0
pF
Reverse Recover Time
Trr
50
nS
VF
Forward Voltage
V


Similar Part No. - KAS21

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
KAS2102ET E-SWITCH-KAS2102ET Datasheet
147Kb / 2P
SLIDE DIP SWITCHES
KAS2102RT E-SWITCH-KAS2102RT Datasheet
147Kb / 2P
SLIDE DIP SWITCHES
KAS2103ET E-SWITCH-KAS2103ET Datasheet
147Kb / 2P
SLIDE DIP SWITCHES
KAS2103RT E-SWITCH-KAS2103RT Datasheet
147Kb / 2P
SLIDE DIP SWITCHES
KAS2104ET E-SWITCH-KAS2104ET Datasheet
147Kb / 2P
SLIDE DIP SWITCHES
More results

Similar Description - KAS21

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
SURFACE MOUNT SWITCHING DIODES
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAV16W PANJIT-BAV16W_09 Datasheet
70Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56 PANJIT-BAW56_10 Datasheet
108Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56TB PANJIT-BAW56TB Datasheet
84Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56W PANJIT-BAW56W_09 Datasheet
99Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
Surface Mount Switching Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com