Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1943EFE Datasheet(PDF) 2 Page - Linear Technology

Part # LT1943EFE
Description  High Current Quad Output Regulator for TFT LCD Panels
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1943EFE Datasheet(HTML) 2 Page - Linear Technology

  LT1943EFE Datasheet HTML 1Page - Linear Technology LT1943EFE Datasheet HTML 2Page - Linear Technology LT1943EFE Datasheet HTML 3Page - Linear Technology LT1943EFE Datasheet HTML 4Page - Linear Technology LT1943EFE Datasheet HTML 5Page - Linear Technology LT1943EFE Datasheet HTML 6Page - Linear Technology LT1943EFE Datasheet HTML 7Page - Linear Technology LT1943EFE Datasheet HTML 8Page - Linear Technology LT1943EFE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT1943
2
1943fa
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
●
4.5
V
Maximum Input Voltage
22
V
Quiescent Current
Not Switching
10
14
mA
RUN-SS = SS-234 = 0V
35
45
µA
RUN-SS, SS-234 Pin Current
RUN-SS, SS-234 = 0.4V
1.7
µA
RUN-SS, SS-234 Threshold
0.8
V
BIAS Pin Voltage to Begin SS-234 Charge
●
2.4
2.8
3.15
V
BIAS Pin Current
BIAS = 3.1V, All Switches Off
10.5
15
mA
FB Threshold Offset to Begin CT Charge
(Note 3)
90
125
160
mV
CT Pin Current Source
All FB Pins = 1.5V
16
20
25
µA
CT Threshold to Power VON
All FB Pins = 1.5V
1.0
1.1
1.2
V
VON Switch Drop
VON Current = 30mA
180
240
mV
Maximum VON Current
VE3 = 30V
●
30
60
mA
PGOOD Threshold Offset
90
125
160
mV
PGOOD Sink Current
200
µA
PGOOD Pin Leakage
VPGOOD = 36V
1
µA
Master Oscillator Frequency
1.1
1.2
1.35
MHz
●
1.0
1.46
MHz
Foldback Switching Frequency
All FB Pins = 0V
250
kHz
Frequency Shift Threshold on FB
∆200kHz
0.5
V
VIN Voltage .............................................................. 25V
BOOST Voltage ........................................................ 36V
BOOST Voltage Above SW1 ..................................... 25V
BIAS Pin Voltage ..................................................... 18V
SW2, SW4 Pin Voltages .......................................... 40V
SW3 Voltage ............................................................ 40V
FB1, FB2, FB3, FB4 Voltages ...................................... 4V
NFB4 Voltage ................................................ +6V, –0.6V
VC1, VC2, VC3, VC4 Pin Voltages .............................. 6V
RUN-SS, SS-234 Pin Voltages ................................... 6V
PGOOD Pin Voltage ................................................. 36V
E3 Pin Voltage ......................................................... 38V
VON Voltage ............................................................. 38V
CT Pin Voltage ........................................................... 6V
Junction Temperature ........................................... 125
°C
Operating Temperature Range (Note 2) ...–40
°C to 85°C
Storage Temperature Range ..................–65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 25°C/W, θJC = 7.5°C/W
LT1943EFE
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, RUN-SS, SS-234 = 2.5V unless otherwise noted.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
28
27
26
25
24
23
22
21
20
19
18
17
16
15
GND
VC1
VC2
FB1
FB2
FB3
NFB4
FB4
VC3
VC4
SGND
BOOST
SW1
SW1
SW2
SW2
VON
CT
E3
PGOOD
BIAS
SW3
GND
SW4
RUN-SS
SS-234
VIN
VIN
FE PACKAGE
28-LEAD PLASTIC TSSOP
EXPOSED PAD (PIN 29) IS GROUND
(MUST BE SOLDERED TO PCB)
29
FE PART MARKING
1943E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com