Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC426EPA Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part # TC426EPA
Description  1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC426EPA Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC426EPA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC426EPA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC426EPA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC426EPA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC426EPA Datasheet HTML 5Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
4-173
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC426
TC427
TC428
1.5A DUAL HIGH-SPEED
POWER MOSFET DRIVERS
OUTPUT
INPUT
0.1
µF
VDD
+5V
INPUT
10%
90%
10%
90%
10%
90%
18V
OUTPUT
tD1
t F
t
tD2
C = 1000pF
L
1
µF
= 18V
0V
0V
TC426
(1/2 TC428)
1
2
R
INPUT: 100kHz,
square wave,
tRISE = tFALL ≤ 10nsec
OUTPUT
INPUT
90%
10%
10%
10%
tD1
tR
tD2
tF
90%
C = 1000pF
L
TC427
(1/2 TC428)
+5V
INPUT
18V
OUTPUT
0V
0V
90%
1
2
0.1
µF
VDD
1
µF
= 18V
INPUT: 100kHz,
square wave,
tRISE = tFALL ≤ 10nsec
VOLTAGE INVERTER
+ 15V
0.1
µF
4.7
µF
10
µF
47
µF
+
–
+–
1N4001
1N4001
VOUT
f
= 10kHz
IN
2
6
3
7
1/2
TC426
+–
-6
-8
-10
-12
0
10 20 30 40 50 60 70 80 90
I
(mA)
OUT
-7
-9
-11
-13
-5
-14
100
+ 15V
0.1
µF
4.7
µF
10
µF
47
µF
+
–
+
–
+
–
1N4001
1N4001
VOUT
f
= 10kHz
IN
2
6
3
7
29.
27.
25.
23.
0
10
20 30 40 50 60 70 80 90
I
(mA)
OUT
28.
26.
24.
22.
30.
100
1/2
TC426
Test Figure 1. Inverting Driver Switching Time Test Circuit
Test Figure 2. Noninverting Driver Switching Time Test Circuit
VOLTAGE DOUBLER



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com