Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD596 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD596
Description  NPN Silicon Epitaxial Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD596 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD596 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
NPN Silicon Epitaxial Transistor
2SD596
Features
Micro package.
High dc current gain. hFE:200TYP. (VCE=1V, IC=100mA)
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector to base voltage
VCBO
30
V
Collector to emitter voltage
VCEO
25
V
Emitter to base voltage
VEBO
5V
Collector current (DC)
IC
700
mA
Total power dissipation
PT
200
mW
Junction temperature
Tj
150
Storage temperature range
Tstg
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB =30V, IE = 0
100
nA
Emitter cutoff current
IEBO
VEB =5.0 V, IC = 0
100
nA
DC current gain *
hFE
VCE =1.0 V, IC = 100 mA
110
200
400
Base to emitter voltage *
VBE
VCE =6.0 V, IC = 10 mA
600
640
700
mV
Collector saturation voltage *
VCE(sat) IC = 700 mA, IB = 70 mA
0.22
0.6
V
Output capacitance
Cob
VCB =6.0 V, IE = 0, f = 10 MHz
12
pF
Gain bandwidth product
fT
VCE =6.0 V, IE = -10 mA
170
MHz
* Pulsed: PW
350 ìs, duty cycle
2%
hFE Classification
Marking
Rank
1234
5
hFE
110
180
135
220
170
270
200
320
250
400
DV


Similar Part No. - 2SD596

ManufacturerPart #DatasheetDescription
logo
NEC
2SD596 NEC-2SD596 Datasheet
249Kb / 4P
AUDIO FREQUENCY POWER AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
logo
Galaxy Semi-Conductor H...
2SD596 BILIN-2SD596 Datasheet
264Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Rectron Semiconductor
2SD596 RECTRON-2SD596 Datasheet
298Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
logo
Shenzhen Jin Yu Semicon...
2SD596 HTSEMI-2SD596 Datasheet
761Kb / 3P
TRANSISTOR (NPN)
logo
SeCoS Halbleitertechnol...
2SD596 SECOS-2SD596 Datasheet
327Kb / 3P
0.7A , 30V NPN Plastic Encapsulated Transistor
More results

Similar Description - 2SD596

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com