Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4446 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4446
Description  NPN Epitaxial Planar Silicon Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4446 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4446 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC4446 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
1 Emitter
2 Base
3 Collector
Features
Very small-sized package
High VEBO.
NPN Epitaxial Planar Silicon Transistor
2SC4446
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
60
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
15
V
Collector current
IC
150
mA
Collector current(Pulse)
ICP
300
mA
Base current
IB
30
mA
Collector dissipation
PC
150
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150


Similar Part No. - 2SC4446

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4446 SANYO-2SC4446 Datasheet
118Kb / 4P
Low-Frequency General-Purpose Amp Applications???
More results

Similar Description - 2SC4446

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com